Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 129Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 130Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 131Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 132Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 133Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 134Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 135Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 136Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
133
Read: Anytime
Write: Anytime
76543210
R
ADPU
AFFC
AWAI
ETRIGLE
ETRIGP
ETRIGE
ASCIE
ASCIF
W
Reset
00000000
= Unimplemented or Reserved
Figure 4-5. ATD Control Register 2 (ATDCTL2)
Table 4-6. ATDCTL2 Field Descriptions
Field
Description
7
ADPU
ATD Power Down — This bit provides on/off control over the ATD10B16C block allowing reduced MCU power
consumption. Because analog electronic is turned off when powered down, the ATD requires a recovery time
period after ADPU bit is enabled.
0 Power down ATD
1 Normal ATD functionality
6
AFFC
ATD Fast Flag Clear All
0 ATD flag clearing operates normally (read the status register ATDSTAT1 before reading the result register
to clear the associate CCF flag).
1 Changes all ATD conversion complete flags to a fast clear sequence. Any access to a result register will
cause the associate CCF flag to clear automatically.
5
AWAI
ATD Power Down in Wait Mode — When entering Wait Mode this bit provides on/off control over the
ATD10B16C block allowing reduced MCU power. Because analog electronic is turned off when powered down,
the ATD requires a recovery time period after exit from Wait mode.
0 ATD continues to run in Wait mode
1 Halt conversion and power down ATD during Wait mode
After exiting Wait mode with an interrupt conversion will resume. But due to the recovery time the result of
this conversion should be ignored.
4
ETRIGLE
External Trigger Level/Edge Control — This bit controls the sensitivity of the external trigger signal. See
Table 4-7 for details.
3
ETRIGP
External Trigger Polarity — This bit controls the polarity of the external trigger signal. See Table 4-7 for
details.
2
ETRIGE
External Trigger Mode Enable — This bit enables the external trigger on one of the AD channels or one of
the ETRIG[3:0] inputs as described in Table 4-5. If external trigger source is one of the AD channels, the digital
input buffer of this channel is enabled. The external trigger allows to synchronize the start of conversion with
external events.
0 Disable external trigger
1 Enable external trigger
1
ASCIE
ATD Sequence Complete Interrupt Enable
0 ATD Sequence Complete interrupt requests are disabled.
1 ATD Interrupt will be requested whenever ASCIF = 1 is set.
0
ASCIF
ATD Sequence Complete Interrupt Flag — If ASCIE = 1 the ASCIF flag equals the SCF flag (see
Section 4.3.2.7, “ATD Status Register 0 (ATDSTAT0)”), else ASCIF reads zero. Writes have no effect.
0 No ATD interrupt occurred
1 ATD sequence complete interrupt pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com