Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 131Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 132Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 133Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 134Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 135Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 136Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 137Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 138Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
135
4.3.2.4
ATD Control Register 3 (ATDCTL3)
This register controls the conversion sequence length, FIFO for results registers and behavior in Freeze
Mode. Writes to this register will abort current conversion sequence but will not start a new sequence.
Read: Anytime
Write: Anytime
76543210
R0
S8C
S4C
S2C
S1C
FIFO
FRZ1
FRZ0
W
Reset
00100000
= Unimplemented or Reserved
Figure 4-6. ATD Control Register 3 (ATDCTL3)
Table 4-8. ATDCTL3 Field Descriptions
Field
Description
6
S8C
Conversion Sequence Length — This bit controls the number of conversions per sequence. Table 4-9 shows
all combinations. At reset, S4C is set to 1 (sequence length is 4). This is to maintain software continuity to HC12
Family.
5
S4C
Conversion Sequence Length — This bit controls the number of conversions per sequence. Table 4-9 shows
all combinations. At reset, S4C is set to 1 (sequence length is 4). This is to maintain software continuity to HC12
Family.
4
S2C
Conversion Sequence Length — This bit controls the number of conversions per sequence. Table 4-9 shows
all combinations. At reset, S4C is set to 1 (sequence length is 4). This is to maintain software continuity to HC12
Family.
3
S1C
Conversion Sequence Length — This bit controls the number of conversions per sequence. Table 4-9 shows
all combinations. At reset, S4C is set to 1 (sequence length is 4). This is to maintain software continuity to HC12
Family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com