Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 194Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 195Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 196Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 197Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
194
Freescale Semiconductor
NOTE
Suggested Mnemonics for accessing the interrupt flag vector on a word
basis are:
XGIF_7F_70 (XGIF[127:112]),
XGIF_6F_60 (XGIF[111:96]),
XGIF_5F_50 (XGIF[95:80]),
XGIF_4F_40 (XGIF[79:64]),
XGIF_3F_30 (XGIF[63:48]),
XGIF_2F_20 (XGIF[47:32]),
XGIF_1F_10 (XGIF[31:16]),
XGIF_0F_00 (XGIF[15:0])
Table 6-4. XGIV Field Descriptions
Field
Description
127–9
XGIF[78:9]
Channel Interrupt Flags — These bits signal pending channel interrupts. They can only be set by the RISC
core. Each flag can be cleared by writing a "1" to its bit location. Unimplemented interrupt flags will always read
"0". Refer to Section “Interrupts” of the SoC Guide for a list of implemented Interrupts.
Read:
0 Channel interrupt is not pending
1 Channel interrupt is pending if XGIE is set
Write:
0 No effect
1 Clears the interrupt flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com