Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 194Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 195Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 196Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 197Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 198Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
195
6.3.1.5
XGATE Software Trigger Register (XGSWT)
The eight software triggers of the XGATE module can be set and cleared through the XGATE software
trigger register (Figure 6-7). The upper byte of this register, the software trigger mask, controls the write
access to the lower byte, the software trigger bits. These bits can be set or cleared if a "1" is written to the
associated mask in the same bus cycle.
Read: Anytime
Write: Anytime
NOTE
The XGATE channel IDs that are associated with the eight software triggers
are determined on chip integration level. (see Section “Interrupts” of the Soc
Guide)
XGATE software triggers work like any peripheral interrupt. They can be
used as XGATE requests as well as S12X_CPU interrupts. The target of the
software trigger must be selected in the S12X_INT module.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
00000000
XGSWT[7:0]
W
XGSWTM[7:0]
Reset
0
0
0
0000000000000
Figure 6-7. XGATE Software Trigger Register (XGSWT)
Table 6-5. XGSWT Field Descriptions
Field
Description
15–8
XGSWTM[7:0]
Software Trigger Mask — These bits control the write access to the XGSWT bits. Each XGSWT bit can only
be written if a "1" is written to the corresponding XGSWTM bit in the same access.
Read:
These bits will always read "0".
Write:
0 Disable write access to the XGSWT in the same bus cycle
1 Enable write access to the corresponding XGSWT bit in the same bus cycle
7–0
XGSWT[7:0]
Software Trigger Bits — These bits act as interrupt flags that are able to trigger XGATE software channels.
They can only be set and cleared by software.
Read:
0 No software trigger pending
1 Software trigger pending if the XGIE bit is set
Write:
0 Clear Software Trigger
1 Set Software Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com