Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN3310BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADIN3310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 47Page - Analog Devices ADIN3310BBCZ Datasheet HTML 48Page - Analog Devices ADIN3310BBCZ Datasheet HTML 49Page - Analog Devices ADIN3310BBCZ Datasheet HTML 50Page - Analog Devices ADIN3310BBCZ Datasheet HTML 51Page - Analog Devices ADIN3310BBCZ Datasheet HTML 52Page - Analog Devices ADIN3310BBCZ Datasheet HTML 53Page - Analog Devices ADIN3310BBCZ Datasheet HTML 54Page - Analog Devices ADIN3310BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
HOST INTERFACE
analog.com
Rev. A | 51 of 86
The switch requires management from an external host and stack
processor. The connection of the host to the switch is flexible
and configured using hardware strapping pins that are sampled
when the switch is brought out of reset. The switch then knows
where the host resides and how to communicate with it. Run-time
configuration to change the host interface is not supported.
The host communication port can be connected over the SPI
port or an Ethernet MAC interface (SGMII, RMII, or RGMII). The
hardware strapping pins used to select the host interface are the
four TIMERx pins, three of the SPI_SIOx pins, and the SPI_SS pin.
The hardware strapping pins have internal pull-up and pull-downs
to provide a default host interface of standard SPI. Alternatively,
the user can override the default by adding external strapping
resistors to select a different SPI or an Ethernet host interface.
When the host interface is a MAC host, the interface can be any
one of the switch ports, with the levels sensed on the SPI_SIOx
pins determining which port is to be used. Port 0 is recommended
as the host interface if the host is running a different input and
output voltage rail to the supply used for the external physical layer
devices connected to the other Ethernet ports, because the VDDIO
supply rails can be partitioned, with Port 0 from the VDDIO_A rail
and all other ports from the VDDIO_B rail.
There are a number of possible host interface options available as
detailed in Table 22.
HOST INTERFACE STRAPPING PINS
There are eight inputs and outputs used for configuration strapping
listed in Table 22. The level of the strapping pins is sampled on the
rising edge of RESET_N after power on. The hardware strapping
is used to let the packet assist engine know the interface location
of the host and defines the primary host communication protocol as
SPI or Ethernet.
Table 22. Boot Strapping Pin Configuration—Host Interface (SPI or Ethernet)
Function
SIO21, 2 SIO12
SIO02
SPI_SS
TIMER3
TIMER2
TIMER1
TIMER03
Notes
Default Internal
Pull-
down
Pull-
down
Pull-
down
Pull-up
Pull-down
Pull-down
Pull-up
Pull-up
RGMII 100 Mbps
No Clock Delays4
P2
P1
P0
ds5
0
0
0
0
Receive Clock Delay
P2
P1
P0
ds
0
0
0
1
Transmit Clock Delay
P2
P1
P0
ds
0
0
1
0
Receive and Transmit
Clock Delays
P2
P1
P0
ds
0
1
0
1
RGMII 1 Gbps
No Clock Delays
P2
P1
P0
ds
1
0
0
0
Receive Clock Delay
P2
P1
P0
ds
1
0
0
1
Transmit Clock Delay
P2
P1
P0
ds
1
0
1
0
Receive and Transmit
Clock Delays
P2
P1
P0
ds
1
1
0
1
RMII 10 Mbps
RMII CLK (Internal)
P2
P1
P0
ds
0
1
0
0
Switch internal clock provided out to the
PHY or host
RMII CLK (External)
P2
P1
P0
ds
1
1
0
0
External clock source provided to the
PHY or host and switch
RMII 100 Mbps
RMII CLK (Internal)
P2
P1
P0
ds
0
1
1
0
Switch internal clock provided out to the
PHY or host
RMII CLK (External)
P2
P1
P0
ds
1
1
1
0
External clock source provided to the
PHY or host and switch
SGMII
100BASE-FX
P2
P1
P0
0
0
0
1
1
SGMII 1000 Mbps
P2
P1
P0
0
0
1
1
1
SGMII 100 Mbps
P2
P1
P0
0
1
0
1
1
1000BASE-KX
P2
P1
P0
0
1
1
1
1
SPI Enabled
Single (Default)
ds
x
x
1
0
0
1
1
Default setting
Dual
ds
x
x
1
1
0
1
1
Quad
x
x
x
1
0
1
1
1
Low drive strength
Quad
x
x
x
1
1
1
1
1
High drive strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com