Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN3310BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADIN3310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 48Page - Analog Devices ADIN3310BBCZ Datasheet HTML 49Page - Analog Devices ADIN3310BBCZ Datasheet HTML 50Page - Analog Devices ADIN3310BBCZ Datasheet HTML 51Page - Analog Devices ADIN3310BBCZ Datasheet HTML 52Page - Analog Devices ADIN3310BBCZ Datasheet HTML 53Page - Analog Devices ADIN3310BBCZ Datasheet HTML 54Page - Analog Devices ADIN3310BBCZ Datasheet HTML 55Page - Analog Devices ADIN3310BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
HOST INTERFACE
analog.com
Rev. A | 52 of 86
1 P2 through P0 select the port for SGMII, RMII, and RGMII host interface, see Table 23.
2 x = Don't care.
3 TIMER0, TIMER1, and SPI_SS have internal pull-ups. TIMER2, TIMER3 and SPI_SIO0 to SPI_SIO2 have internal pull-downs. The default configuration is a standard SPI
when no external host strapping is used. To configure a different host interface, use the external pull-up and pull-down resistor values per Table 24.
4 Ensure that the clock delays are configured correctly to interface with the host and PHY or MAC. Delay is added at only one stage in the transmit and receive paths,
typically at the receiving side. For MAC interfaces that do not have the capability to add delay, the switch host strapping supports adding delays on both sides.
5 ds = Drive strength. Two drive strength options are available for the host interface (high or low). When ds = 1, this corresponds to the higher drive strength. Drive strength
for other ports can be configured through the Software Driver API, which is available from the ADIN6310 product page.
The default mode is the standard SPI interface based on internal
pull-up and pull-down resistors. External pull-up and pull-down
resistors are required to override the default values and are detailed
in Table 24.
After initial communication is established, software can establish
the other means of communication for applications that use two
interfaces between switch and host, one for control traffic (strapping
interface) and one for data traffic.
Table 23. Boot Strapping Pin Configuration—Host Port Selection
Function and Host Port
Mnemonic
SPI_SIO2
SPI_SIO1
SPI_SIO0
SPI, Dual SPI and Quad SPI (No
Ethernet Port Selected)
ds1
x
x
Port 0 RMII or RGMII
0
0
0
Port 1 RMII, RGMII, or SGMII
0
0
1
Port 2 RMII, RGMII, or SGMII
0
1
0
Port 3 RMII, RGMII, or SGMII
0
1
1
Port 4 RMII, RGMII, or SGMII
1
0
0
Port 5 RMII or RGMII
1
0
1
Reserved
1
1
0
Reserved
1
1
1
1 ds = Drive strength. Two drive strength options are available for the host inter-
face (high or low). When ds = 1, this corresponds to the highest drive strength.
Drive strength for other ports can be configured through the SES_SetGpio-
DriveStrength() API, which is available in the SES_switch.h file from the
ADIN6310 product page.
Because the TIMERx and SPI_SIOx pins are on the VDDIO_A
power domain, external strapping resistors should be pulled to
VDDIO_A.
Ensure that these pins are static and in the correct state during
the hardware latch after reset. Table 24 provides information on
the external resistor values required for each pin to overcome the
internal strapping.
Table 24. External Strapping Resistor Values
Mnemonic
Default
External Series Resistor Value
TIMER0
1
Pull-down <2.5 kΩ to latch a value 0
TIMER1
1
Pull-down <2.5 kΩ to latch a value 0
TIMER2
0
Pull-up <3.3 kΩ to latch a value 1
TIMER3
0
Pull-up <3.3 kΩ to latch a value 1
SPI_SS
1
Pull-down <400 Ω to latch a value 0
Table 24. External Strapping Resistor Values (Continued)
Mnemonic
Default
External Series Resistor Value
SPI_SIO0
0
Pull-up <10 kΩ to latch a value 1
SPI_SIO1
0
Pull-up <10 kΩ to latch a value 1
SPI_SIO2
0
Pull-up <10 kΩ to latch a value 1
TIMER INPUTS AND OUTPUTS
There are four timer pins (TIMER0 to TIMER3) that are dedicated
to timer and interrupt functions, with TIMER0 providing the interrupt
function for the switch SPI. The function of these pins is controlled
from the packet assist engine. There are four TSN timer outputs,
four legacy timer outputs, two IEEE 1588 outputs, and two input
captures as detailed in Table 25.
The timer pins can alternatively be configured in GPIO mode and
use as GPIOs as required.
Table 25. Timer Functions
Timer
Mnemonic
Function
GPIO Mode
TIMER0/INT
TSN timer, industrial Ethernet engine
multiprotocol timer, interrupt
GPIO4
TIMER1
TSN timer, industrial Ethernet engine
multiprotocol timer
GPIO5
TIMER2
TSN timer, industrial Ethernet engine
multiprotocol timer, IEEE 1588 timer, timer input
GPIO6
TIMER3
TSN timer, industrial Ethernet engine
multiprotocol timer, IEEE 1588 timer, timer input
GPIO7
GPIO
There are four dedicated GPIO pins available in the switch. Their
function is configured by the packet assist engine.
HARDWARE RESET
The RESET_N is an active low input to the switch and resides on
the VDDIO_A power supply domain. The RESET_N pin must be
asserted low for a minimum of 100 μs after all power supplies are
at their nominal values. After power on, when RESET_N is brought
high and stays high, the external strapping pin states are latched.
During operation, to perform a hardware reset, the RESET_N pin
must be driven low for a minimum 10 μs. When asserted low, all
output pins are driven to a High-Z state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com