Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN3310BBCZ Datasheet(PDF) 80 Page - Analog Devices

Part # ADIN3310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ Datasheet(HTML) 80 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 76Page - Analog Devices ADIN3310BBCZ Datasheet HTML 77Page - Analog Devices ADIN3310BBCZ Datasheet HTML 78Page - Analog Devices ADIN3310BBCZ Datasheet HTML 79Page - Analog Devices ADIN3310BBCZ Datasheet HTML 80Page - Analog Devices ADIN3310BBCZ Datasheet HTML 81Page - Analog Devices ADIN3310BBCZ Datasheet HTML 82Page - Analog Devices ADIN3310BBCZ Datasheet HTML 83Page - Analog Devices ADIN3310BBCZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
APPLICATIONS INFORMATION
analog.com
Rev. A | 80 of 86
3-Port Use Case
The configuration shown in Figure 63 shows the ADIN3310 3-port
switch used with three ADIN1300 Ethernet PHYs, and SPI is used
as the host interface. In some applications, the interface domains
for the host and the PHYs can differ; however, the ADIN6310 and
ADIN3310 can support different supply rails for the host interface
and the PHYs. Figure 63 also includes example of the power
circuit used in the EVAL-ADIN3310EBZ evaluation board, namely
the LT8619 buck regulator, which provides the 3.3 V power to the
switch and PHY circuit, and the ADP5023 dual buck regulator with
one port LDO supplying VDDCORE, VDDIO_A/VDDIO_B, and the
0.9 V rail required by the PHYs.
Figure 63. Overview of a 3-Port Switch Configuration with Three ADIN1300 Ethernet PHYs and Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com