Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN3310BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIN3310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 10Page - Analog Devices ADIN3310BBCZ Datasheet HTML 11Page - Analog Devices ADIN3310BBCZ Datasheet HTML 12Page - Analog Devices ADIN3310BBCZ Datasheet HTML 13Page - Analog Devices ADIN3310BBCZ Datasheet HTML 14Page - Analog Devices ADIN3310BBCZ Datasheet HTML 15Page - Analog Devices ADIN3310BBCZ Datasheet HTML 16Page - Analog Devices ADIN3310BBCZ Datasheet HTML 17Page - Analog Devices ADIN3310BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
TIMING CHARACTERISTICS
analog.com
Rev. A | 14 of 86
MANAGEMENT INTERFACE TIMING
Table 3. Management Interface Timing1, 2
Parameter
Description
Min
Typ
Max
Unit
MDC duty cycle
45
50
55
ns
t1
MDC period3
175
400
4096
ns
t2
MDC rise and fall time
15
ns
t3
MDIO input setup time to MDC rising edge
21
ns
t4
MDIO input signal hold time to MDC
0
ns
t5
MDIO output delay to MDC
0
15
ns
1 Specifications may be subject to change.
2 Measured with a CL of 100 pF (routing to up to six Ethernet PHYs, includes pin capacitance and trace capacitance). Timing parameters measured from 10% to 90%.
3 The typical parameters correspond to the maximum MDC frequency of 2.5 MHz as specified in the IEEE 802.3 standard.
Figure 4. Management Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com