Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN3310BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIN3310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 17Page - Analog Devices ADIN3310BBCZ Datasheet HTML 18Page - Analog Devices ADIN3310BBCZ Datasheet HTML 19Page - Analog Devices ADIN3310BBCZ Datasheet HTML 20Page - Analog Devices ADIN3310BBCZ Datasheet HTML 21Page - Analog Devices ADIN3310BBCZ Datasheet HTML 22Page - Analog Devices ADIN3310BBCZ Datasheet HTML 23Page - Analog Devices ADIN3310BBCZ Datasheet HTML 24Page - Analog Devices ADIN3310BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
PIN CONFIGURATION AND PIN DESCRIPTIONS
analog.com
Rev. A | 21 of 86
ADIN3310
Figure 12. ADIN3310 Pin Configuration (Top View, Looking Through the Device)
Table 13. Pin Function Descriptions
ADIN3310 Ball No. Mnemonic
Type1
Internal
Termination at
Reset2
Power
Domain
Description
Clock Interface
E4
XTAL_IN/CLK_IN
A
High-Z
VDD3P3
Input for Crystal (XTAL_IN).
Single-Ended 25 MHz Reference Clock (CLK_IN).
F4
XTAL_OUT
A
High-Z
VDD3P3
Second Terminal for Crystal Connection. If using a single-ended reference
clock on XTAL_IN/CLK_IN, leave XTAL_OUT open circuit.
D1
CLK_OUT
A
High-Z
VDD3P3
Analog Reference Clock Output. The 25 MHz, 3.3 V reference clock from the
crystal oscillator.
Digital
A13
RESET_N
I
Power-down
VDDIO_A
Active Low and Reset Input. RESET_N requires an external pull-down. Hold
low for >10 μs.
F14
TIMER0/INT
I/O
Power-up
VDDIO_A
Timer or General Purpose Input and Output (GPIO). When using the SPI port,
TIMER0 acts as interrupt output to the host. The boot strapping pin is used to
define the host interface origin and operation.
F13
TIMER1
I/O
Power-up
VDDIO_A
TImer or GPIO. The boot strapping pin is used to define the host interface
origin and operation.
E14
TIMER2
I/O
Power-down
VDDIO_A
Timer or GPIO. The boot strapping pin is used to define the host interface
origin and operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com