Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
43
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
CLKSEL
08h
1:0
DAC_CLKSEL
00
DAC clock source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R15
DAC
Control 1
0Fh
8
RX2DAC_MODE
0
DAC oversampling rate and power down
control (only valid when DAC_SRC = 00,
DAC1 data sourced from S/PDIF receiver)
0 = SFRM_CLK determines
oversampling rate, DACs 2/3 powered
down
1 = PAIFRX_LRCLK determines
oversampling rate, DACs 2/3 source
PAIF Receiver
Table 33 DAC Clock Control
ADC INTERFACE
The ADC_CLKSEL register selects the ADC clock source from ADCMCLK, PLLACLK, PLLBCLK, or
MCLK. However, if the S/PDIF receiver is active, PLLACLK and PLLBCLK are invalid for ADC
operation, so the choice is limited to ADCMCLK (default) or MCLK.
The rate that the ADC operates at is determined by the ADC Rate module. It calculates the rate
based on the digital routing setup. If the ADC is sourced by the PAIF Transmitter, PAIFTX_LRCLK is
used in the rate calculation. If the ADC is sourced by the SAIF Transmitter (and PAIF Transmitter
has another source), SAIF_LRCLK is used in the rate calculation. If the S/PDIF Transmitter (only) is
sourcing the ADC, then the rate is set by the ADC_RATE register bits.
The ADC clock source can be independent from the DACs and PLLs, however for optimum
performance, it is recommended that where possible, clock sources on the WM8580 are
synchronous. Performance may be degraded if this condition is not met.
Figure 27 ADC Clock Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com