Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
46
PRIMARY AUDIO INTERFACE TRANSMITTER (PAIF TX)
The PAIF Transmitter requires a left-right-clock (LRCLK) and a bit-clock (BCLK). These can be
supplied externally (slave mode) or they can be generated internally by the WM8580 (master mode).
The master mode LRCLK/BCLK are created by the Master Mode Clock Generator module. The
control of this module is described on page 22.
The clock supplied to this module can be ADCMCLK, PLLACLK, PLLBCLK, or MCLK and is selected
by the internal signal paiftxms_clksel’. If the PAIF Transmitter is sourcing the S/PDIF Receiver, it is
recommended that the interface operate in master mode. For this path, paiftxms_clksel selects
PLLACLK. For all other digital routing options, paiftxms_clksel automatically selects whichever clock
the adc_clk is using.
If in slave mode, and adc_clk is set to be MCLK, then the PAIFRX_BCLK is used as the BCLK for
the PAIF Transmitter.
Figure 30 PAIF Transmitter Clock Selection
SECONDARY AUDIO INTERFACES (SAIF RX & SAIF TX)
The Transmit and Receive sides of the Secondary Audio Interface share a common LRCLK and a
common BCLK. These can be supplied externally (slave mode) or they can be generated internally
by the WM8580 (master mode). The master mode LRCLK/BCLK are created by the Master Mode
Clock Gen module. The control of this module is described on page 22.
The clock supplied to this module can be ADCMCLK, PLLACLK, PLLBCLK, or MCLK and is selected
using the SAIFMS_CLKSEL register. If the digital routing has been configured such that the SAIF
Transmitter is sourcing the S/PDIF Receiver, then PLLACLK is automatically selected, and it is
recommended that the interface operate in master mode. However, if the SAIF Transmitter sources
something other than the S/PDIF Receiver, and the S/PDIF Receiver is powered up, the PLLACLK
and PLLBCLK are invalid for SAIF operation, so the choice is limited to MCLK (default) or
ADCMCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com