Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
60
Table 55 S/PDIF Receiver Input Selection Register
AUDIO DATA HANDLING
The S/PDIF receiver recovers the data and VUCP bits from each sub-frame. If the S/PDIF input data
is in a non-compressed audio format the data can be internally routed to the stereo data input of
DAC1. The WM8580 can detect when the data is in a non-compressed audio format and will
automatically mute the DAC. See Non-Audio Detection section for more detail.
The received data can also be output over the digital audio interfaces in any of the data formats
supported. This can be performed while simultaneously using DAC1 for playback. The received data
may also be re-transmitted via the S/PDIF transmitter.
USER DATA
The WM8580 can output recovered user data received using GPO pins. See Table 66 for General
Purpose Pin control information.
CHANNEL STATUS DATA
The channel status bits are recovered from the incoming data stream and are used to control various
functions of the device.
The S/PDIFRx interface always receives 24 bits of data in bits 4 to 27 of the SPDIF payload. The
audio sample can be either 20 bits if AUX bits not used or up to 24bits if AUX bits used (refer to
Figure 33). So the audio sample can be 20,21,22,23 or 24 bit. The source (wherever the S/PDIF data
is coming from) of the S/PDIF data stream must set the MAXWL and RXWL within the status bits to
indicate the size of the audio sample. This is then recovered by the S/PDIF Rx interface. The S/PDIF
Rx interface ALWAYS receives 24 bits, but if the actual length of the audio data sample (indicated by
MAXWL and RXWL) is less than 24 bits, then the user has the option to truncate these 24 bits to the
actual size. These truncated bits are then sent to either the SPDIF Tx or the AIF. Truncation may
allow users to process data faster. If the user does not want this truncation to happen then they must
mask the truncation using the WL_MASK. In this case all 24 bits of data received are transferred.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
SPDIFIN1MODE
1
Selects the input circuit type for the SPDIFIN1 input
0 = CMOS-compatible input
1 = Comparator input. Compatible with 500mVpp AC
coupled consumer S/PDIF input signals as defined in
IEC60958-3.
2:1
RXINSEL[1:0]
00
S/PDIF Receiver input mux select.
The general purpose inputs must be configured using
GPOxOP to be either CMOS or comparator inputs if
selected by RXINSEL.
00 = Select SPDIFIN1
01 = Select SPDIFIN2 (MFP3)
10 = Select SPDIFIN3 (MFP4)
11 = Select SPDIFIN4 (MFP5)
R36
SPDMODE
24h
6
WL_MASK
0
S/PDIF Receiver Word Length Truncation Mask
0 = disabled, data word is truncated as described in
Table 60.
1 = enabled, data word is not truncated.
3:0
GPO3OP[3:0]
0010
R39
GPO2
26h
7:4
GPO4OP[3:0]
0011
R40
GPO3
27h
3:0
GPO5OP[3:0]
0100
GPO pin Configuration Select.
1110 = Set GPO as S/PDIF input (CMOS-compatible
input).
1111 = Set GPO as S/PDIF input (compatible with
500mVpp AC coupled consumer S/PDIF input signals
as defined in IEC-60958-3).
For GPO defaults, see Table 66.
R51
PWRDN 2
33h
5
SPDIFRXD
1
S/PDIF Receiver powerdown.
0 = S/PDIF Receiver enabled
1 = S/PDIF Receiver disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com