Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
73
DR4
DR3
S/PDIF TRANSMITTER
DATA SOURCE
0
0
S/PDIF received data
0
1
ADC digital output data
1
0
N/A
1
1
PAIF receiver data
Table 71 DR3 / DR4 Operation
The Secondary Audio Interface (SAIF) is not operational in Hardware Mode.
STATUS PINS
In Hardware control mode, SDO, SWMODE and MFP8/9/10 pins provide S/PDIF status flag
information.
PIN
FLAG
DESCRIPTION
SWMODE
UNLOCK
Indicates that the S/PDIF Clock Recovery circuit is unlocked
or that the input S/PDIF signal is not present.
0 = Locked to incoming S/PDIF stream.
1 = Not locked to the incoming S/PDIF stream, or incoming
stream not present.
SDO
NON_AUDIO
Logical OR of PCM_N and AUDIO_N:
PCM_N indicates that non-audio code (defined in IEC-61937)
has been detected. AUDIO_N is the recovered Channel
Status bit-1.
MFP8
C
Recovered channel-bit for current sub-frame
MFP9
SFRM_CLK
Indicates current sub-frame:
1 = Sub-frame A
0 = Sub-frame B
MFP10
192BLK
Indicates start of 192-frame block. High for duration of frame
0, low after frame 0.
Table 72 Hardware Mode Status Pins
DIGITAL AUDIO INTERFACE CONTROL
In Hardware Control Mode, CSB and SCLK become controls to configure the Primary Audio Interface
data format and word length. The configuration applies to both transmit and receive sides of the
interface. Table 73 below shows the options available.
CSB
SCLK
FORMAT & WORD LENGTH
0
0
24-bit right justified
0
1
20-bit right justified
1
0
24-bit left justified
1
1
24-bit I2S
Table 73 Audio Interface Hardware Mode Control
DAC MUTE CONTROL
In Hardware Control mode, the MUTE pin activates the softmute function on all the DACs. In
Software Control mode, MUTE activates softmute on the DAC selected by the DZFM register (when
the MPDENB bit is low). See section headed “MUTE MODES” for a detailed description of the
softmute function and the other methods of activating softmute.
When floating, the MUTE pin becomes an output for the ZFLAG flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com