Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
57
The WM8580 also transmits the preamble and VUCP bits (Validity, User Data, Channel Status and
Parity bits).
Validity Bit
By default, set to 0 (to indicate valid data) with the following exceptions:
1.
TXSRC=00 (S/PDIF receiver), where Validity is the value recovered from the S/PDIF input
stream by the S/PDIF receiver.
2.
TXVAL_OVWR=1, where Validity is the value set in registers TXVAL_SF0 and TXVAL_SF1.
User Data
Set to 0 as User Data configuration is not supported in the WM8580 – if TXSRC=00 (S/PDIF
receiver) User Data is the value recovered from the S/PDIF input stream by the S/PDIF receiver.
Channel Status
The Channel Status bits form a 192-frame block - transmitted at one bit per sub-frame. Each sub-
frame forms its own 192-frame block. The WM8580 is a consumer mode device and only the first 40
bits of the block are used. All data transmitted from the WM8580 is stereo, so the channel status
data is duplicated for both channels. The only exception to this is the channel number bits (23:20)
which can be changed to indicate whether the channel is left or right in the stereo image. Bits within
this block can be configured by setting the Channel Status Bit Control registers (see Table 50 to
Table 54). If TXSRC=00 (S/PDIF receiver), the Channel Status bits are transmitted with the same
values recovered by the receiver – unless OVWCHAN is set, in which case they are set by the
S/PDIF transmitter channel status registers.
Parity Bit
This bit maintains even parity for data as a means of basic error detection. It is generated by the
transmitter.
For further details of all channel status bits, refer to IEC-60958-3.
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
CON/PRO
0
0
0 = Consumer Mode
1 = Professional Mode (not supported by
WM8580)
1
AUDIO_N
1
0
Linear PCM Identification
0 = S/PDIF transmitted data is audio PCM.
1 = S/PDIF transmitted data is not audio
PCM.
2
CPY_N
2
0
0 = Transmitted data has copyright asserted.
1 = Transmitted data has no copyright
assertion.
5:3
DEEMPH[2:0]
5:3
000
000 = Data from Audio interface has no pre-
emphasis.
001 = Data from Audio interface has pre-
emphasis.
010 = Reserved (Audio interface has pre-
emphasis).
011 = Reserved (Audio interface has pre-
emphasis).
All other modes are reserved and should not
be used.
R31
SPDTXCHAN 1
1Fh
7:6
CHSTMODE
[1:0]
7:6
00
00 = Only valid mode for consumer
applications.
Table 50 S/PDIF Transmitter Channel Status Bit Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com