Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
52
f2 TO PLLxCLK DIVISION FACTOR
POSTSCALE_x
FREQMODE_x[1:0]
0
1
00
÷2
÷4
01
÷4
÷8
10
÷8
÷16
11
÷12
÷24
Table 44 PLL User Mode Clock Divider Configuration
POSTSCALE_A
PLLACLK FREQUENCY
0
256fs
1
128fs
Table 45 PLL S/PDIF Receiver Mode Clock Divider Configuration
PLL CONFIGURATION EXAMPLE
Consider the situation where the oscillator clock (OSCCLK) input frequency is fixed at 12MHz and
the required PLLBCLK frequency is 12.288MHz.
1.
Calculate the f2, FREQMODE_B and POSTSCALE_B Values
The PLL is designed to operate with best performance when the f2 clock is between 90 and 100MHz.
The necessary PLLBCLK frequency is 12.288MHz. Choose POSTSCALE_B and FREQMODE_B
values to set the f2 frequency in the range of 90 to 100MHz. In this case, the default values
(POSTSCALE_B = 0 and FREQMODE_B[1:0] = 10) will configure the f2 to PLLBCLK divider as 8
and hence will set the f2 frequency at 98.304MHz; this value is within the 90 to 100MHz range and is
hence acceptable.
•
POSTSCALE_B = 0
•
FREQMODE_B [1:0] = 10b
•
f2 = 98.304MHz
2.
Calculate R Value
Using the relationship: R = (f2 ÷ f1), the value of R can be calculated.
•
R = (f2 ÷ f1)
•
R = (98.304 ÷ 12)
•
R = 8.192
3.
Calculate PLLB_N Value
The value of PLLB_N is the integer (whole number) value of R, ignoring all digits to the right of the
decimal point. In this case, R is 8.192, hence PLLB_N is 8.
4.
Calculate PLL_K Value
The PLLB_K value is simply the integer value of (222 (R-PLLB_N)).
•
PLLB_K = integer part of (222 x (8.192 – 8))
•
PLLB_K = integer part of 805306.368
•
PLLB_K = 805306 (decimal) / C49BA (hex)
A number of example configurations are shown in Table 46. Many other configurations are possible;
Table 46 shows only a small number of valid possibilities. As both PLLs are identical, the same
configuration procedure applies for both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com