Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8971CF Datasheet(PDF) 17 Page - NXP Semiconductors

Part # FXLS8971CF
Description  3-Axis Low-g Accelerometer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8971CF Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button FXLS8971CF Datasheet HTML 13Page - NXP Semiconductors FXLS8971CF Datasheet HTML 14Page - NXP Semiconductors FXLS8971CF Datasheet HTML 15Page - NXP Semiconductors FXLS8971CF Datasheet HTML 16Page - NXP Semiconductors FXLS8971CF Datasheet HTML 17Page - NXP Semiconductors FXLS8971CF Datasheet HTML 18Page - NXP Semiconductors FXLS8971CF Datasheet HTML 19Page - NXP Semiconductors FXLS8971CF Datasheet HTML 20Page - NXP Semiconductors FXLS8971CF Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
NXP Semiconductors
FXLS8971CF
3-Axis Low-g Accelerometer
a read by not acknowledging a byte at the appropriate time in the protocol, followed by the SP signal. A primary
may also issue a repeated start signal (SR) during a transfer.
12.1.2 I2C read/write operations
12.1.2.1 Single-byte read
The primary transmits a start condition (ST) to FXLS8971CF, followed by the secondary address, with the R/
W bit set to '0' for a write, and the FXLS8971CF sends an acknowledgment. Then the primary transmits the
address of the register to read and the FXLS8971CF sends an acknowledgment. The primary transmits a
repeated start condition (SR), followed by the secondary address with the R/W bit set to '1' for a read from the
previously selected register. The FXLS8971CF then acknowledges and transmits the data from the requested
register. The primary does not acknowledge (NAK) the transmitted data and then transmits a stop condition to
end the data transfer.
12.1.2.2 Multiple-byte read
When performing a multi-byte or burst read, FXLS8971CF automatically increments the register read address
pointer after a read command is received. Therefore, after following the steps of a single-byte read, multiple
bytes of data can be read from sequential register addresses after each FXLS8971CF acknowledgment (ACK)
is received. Data can be read until the primary issues a no acknowledge (NAK), followed by a stop condition
(SP) signaling the end of the transfer.
12.1.2.3 Single-byte write
To start a write command, the primary transmits a start condition (ST) to the FXLS8971CF, followed by the
secondary address with the R/W bit set to '0' for a write, and the FXLS8971CF sends an acknowledgment. Then
the primary transmits the address of the register to write to, and the FXLS8971CF sends an acknowledgment.
Then the primary transmits the 8-bit data to write to the designated register and the FXLS8971CF sends an
acknowledgment signaling it has received the data. Since this transmission is complete, the primary transmits a
stop condition (SP) to end the data transfer. The data sent to the FXLS8971CF is now stored in the appropriate
register.
12.1.2.4 Multiple-byte write
FXLS8971CF automatically increments the register address write pointer after a write command is received.
Therefore, after following the steps of a single-byte write, multiple bytes of data can be written to sequential
registers after each acknowledgment (ACK) is received.
FXLS8971CF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
17 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com