Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8971CF Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FXLS8971CF
Description  3-Axis Low-g Accelerometer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8971CF Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FXLS8971CF Datasheet HTML 64Page - NXP Semiconductors FXLS8971CF Datasheet HTML 65Page - NXP Semiconductors FXLS8971CF Datasheet HTML 66Page - NXP Semiconductors FXLS8971CF Datasheet HTML 67Page - NXP Semiconductors FXLS8971CF Datasheet HTML 68Page - NXP Semiconductors FXLS8971CF Datasheet HTML 69Page - NXP Semiconductors FXLS8971CF Datasheet HTML 70Page - NXP Semiconductors FXLS8971CF Datasheet HTML 71Page - NXP Semiconductors FXLS8971CF Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
NXP Semiconductors
FXLS8971CF
3-Axis Low-g Accelerometer
Orientation
X/Y axis g-levels
PU
y ~ –1 g, x ~ 0
PD
y ~ +1 g, x ~ 0
LR
y ~ 0, x ~ +1 g
LL
y ~ 0, x ~ –1 g
Table 95. Orientation change ideal orientation angle definitions
15.5 Sensor Data Change Detection (SDCD) registers
The Sensor Data Change Detection (SDCD) function is an inertial event detection function available to assist
host software algorithms in detecting various inertial events such as motion/no-motion, high-g/low-g, tap/double
tap, and transient acceleration events.
1
0
WINDOW
COMPARATOR
SDCD_UTHS[11:0]
SDCD_LTHS[11:0]
OUT_X[n], OUT_Y[n],
OUT_Z[n]
X_OT_EN
Y_OT_EN
Z_OT_EN
X_OT
Y_OT
Z_OT
X_WT_EN
Y_WT_EN
Z_WT_EN
OT_DBCTM
REF_X[n], REF_Y[n],
REF_Z[n]
REF_UPDM[1:0]
X_POL
Y_POL
Z_POL
X_WT_EF
Y_WT_EF
Z_WT_EF
X_WT_EN
Y_WT_EN
WT_LOG_SEL
WT_ELE
WT_EA
aaa-027616
OT_EA
X_OT_EF_POL
Y_OT_EF_POL
Z_OT_EF_POL
SDCD_OT_DBCNT[7:0]
WT_DBCTM
SDCD_WT_DBCNT[7:0]
Y_OT_EF
Z_OT_EF
X_OT_EF
X_WT_EF
Y_WT_EF
Z_WT_EF
X_WT_EF
Y_WT_EF
Z_WT_EF
SDCD_EN
11
01
00
10
OT_ELE
WT_ELE
Z_WT_EN
MUX
VECM[n]
MODE
SATURATOR
Z_OT_DBCNT_INT[7:0]
W_DBCNT_INT[7:0]
Y_OT_DBCNT_INT[7:0]
X_OT_DBCNT_INT[7:0]
LATCH
LATCH
LATCH
LATCH
LATCH
LATCH
LATCH
LATCH
12
12
12
12
12
12
12
12
12
12
13
2
12
X_WT_EF
Y_WT_EF
Z_WT_EF
X_WT_EN
Y_WT_EN
Z_WT_EN
Figure 20. SDCD Function Block Diagram
15.5.1 SDCD_INT_SRC1 register (address 2Dh)
This register contains the SDCD outside-of-thresholds event status flags. If mapped to one of the INT1 or INT2
pins, the OT_EA flag may be used to signal interrupts to a host processor.
Bit
7
6
5
4
3
2
1
0
Name
OT_EA
—
X_OT_EF X_OT_POL Y_OT_EF Y_OT_POL Z_OT_EF
Z_OT_POL
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 96. SDCD_INT_SRC1 register (address 2Dh) bit allocation
FXLS8971CF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
68 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com