Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8971CF Datasheet(PDF) 82 Page - NXP Semiconductors

Part # FXLS8971CF
Description  3-Axis Low-g Accelerometer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8971CF Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button FXLS8971CF Datasheet HTML 78Page - NXP Semiconductors FXLS8971CF Datasheet HTML 79Page - NXP Semiconductors FXLS8971CF Datasheet HTML 80Page - NXP Semiconductors FXLS8971CF Datasheet HTML 81Page - NXP Semiconductors FXLS8971CF Datasheet HTML 82Page - NXP Semiconductors FXLS8971CF Datasheet HTML 83Page - NXP Semiconductors FXLS8971CF Datasheet HTML 84Page - NXP Semiconductors FXLS8971CF Datasheet HTML 85Page - NXP Semiconductors FXLS8971CF Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
NXP Semiconductors
FXLS8971CF
3-Axis Low-g Accelerometer
16.4 Power supply considerations
NXP recommends that VDD be sourced from a low noise linear supply regulator (LDO). When using a switch
mode supply, the recommended minimum voltage is 1.8 V (nominal), providing headroom for supply noise
and ripple rejection. This headroom ensures that the device meets its performance specifications while also
preventing a BOR/POR event from occurring when operated on a noisy supply rail.
FXLS8971CF contains a POR generator. This circuit resets the digital logic and restores all register content to
the default values shown in Table 20 after applying VDD ≥ 1.71 V, or after a soft reset command is issued by
setting
SENS_CONFIG1[RST] = 1.
Note: The host system must wait for a nominal time period of TBOOT1/2 ms after applying VDD ≥ 1.71 V, or after
issuing a soft reset command, to allow enough time for FXLS8971CF to complete its internal boot sequence
and be ready for communication over the I2C or SPI interfaces.
When the BT_MODE pin is low, with
INT_EN[BOOT_DIS] = 0, the host system can wait until the active edge
of a TPULSE-BOOT1 µs pulse is observed on the INTx pin (determined by INT_PIN_SEL[BOOT_INT2]) indicating
completion of the boot sequence. When the BT_MODE pin is logic high, the INT2 pin is configured as an open-
drain output (BOOT_OUT) that pulses low for TPULSE-BOOT2 ms after the boot sequence completes.
FXLS8971CF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
82 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com