Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8971CF Datasheet(PDF) 98 Page - NXP Semiconductors

Part # FXLS8971CF
Description  3-Axis Low-g Accelerometer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8971CF Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button FXLS8971CF Datasheet HTML 92Page - NXP Semiconductors FXLS8971CF Datasheet HTML 93Page - NXP Semiconductors FXLS8971CF Datasheet HTML 94Page - NXP Semiconductors FXLS8971CF Datasheet HTML 95Page - NXP Semiconductors FXLS8971CF Datasheet HTML 96Page - NXP Semiconductors FXLS8971CF Datasheet HTML 97Page - NXP Semiconductors FXLS8971CF Datasheet HTML 98Page - NXP Semiconductors FXLS8971CF Datasheet HTML 99Page - NXP Semiconductors FXLS8971CF Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
NXP Semiconductors
FXLS8971CF
3-Axis Low-g Accelerometer
Tab. 115. SDCD_UTHS_MSB register (address 36h)
bit description .................................................. 77
Tab. 116. SELF_TEST_CONFIG1 register (address
37h) bit allocation ............................................77
Tab. 117. SELF_TEST_CONFIG1 register (address
37h) bit description ..........................................77
Tab. 118. SELF_TEST_CONFIG2 register (address
38h) bit allocation ............................................77
Tab. 119. SELF_TEST_CONFIG2 register (address
38h) bit description ..........................................77
Tab. 120. Self-Test measurement phase decimation
settings ............................................................ 78
Tab. 121. Glossary .......................................................... 90
Tab. 122. Revision history ...............................................92
Figures
Fig. 1.
Block Diagram ...................................................3
Fig. 2.
Pin configuration diagram ................................. 4
Fig. 3.
Sensitive axes orientation and output
response to ±1 g (gravity) stimulus ................... 6
Fig. 4.
Offset drift vs. temperature ..............................10
Fig. 5.
XYZ_TCO histograms ..................................... 11
Fig. 6.
XYZ_TCS histograms ......................................11
Fig. 7.
I2C secondary timing diagram for
Standard-mode, Fast-mode and Fast-mode
Plus ................................................................. 16
Fig. 8.
I2C Data Sequence Diagrams ........................ 18
Fig. 9.
SPI single-byte write protocol diagram (3-
or 4-wire mode), R/W = 0 ............................... 19
Fig. 10.
SPI multiple-byte write protocol diagram (3-
or 4-wire mode), R/W = 0 ............................... 19
Fig. 11.
SPI single-byte read protocol diagram (4-
wire mode), R/W = 1 .......................................20
Fig. 12.
SPI multiple-byte read protocol diagram (4-
wire mode), R/W = 1 .......................................20
Fig. 13.
SPI single-byte read protocol diagram (3-
wire mode) ...................................................... 20
Fig. 14.
SPI multiple-byte read protocol diagram (3-
wire mode) ...................................................... 21
Fig. 15.
SPI timing diagram (4-wire mode) ...................22
Fig. 16.
SPI timing diagram (3-wire mode) ...................23
Fig. 17.
Operating modes transition diagram ............... 25
Fig. 18.
BOOT2 sequence and One-wire motion-
detection protocol diagram (BT_MODE =
VDD) ................................................................27
Fig. 19.
BOOT1 sequence (BT_MODE = GND) ...........29
Fig. 20.
SDCD Function Block Diagram .......................68
Fig. 21.
SDCD REF_UPD timing diagram ....................74
Fig. 22.
Typical Application Circuit #1 – I2C mode ....... 79
Fig. 23.
Typical Application Circuit #2 – SPI 4-wire
mode ............................................................... 80
Fig. 24.
Typical Application Circuit #3 – SPI 3-
wire mode (software enabled; SENS_
CONFIG1[SPI_M] = 1) .................................... 80
Fig. 25.
Typical Application Circuit #4 – SPI 3-wire
mode (hardwired; SENS_CONFIG1[SPI_
M] = X) ............................................................80
Fig. 26.
Typical Application Circuit #5 – Motion
detection mode (no serial interface) ................81
Fig. 27.
Typical Application Circuit #6 - Motion
detection mode (with SPI 3-wire interface,
software enabled) ............................................81
Fig. 28.
FXLS8971CF package outline ........................ 83
Fig. 29.
FXLS8971CF package outline detail ...............84
Fig. 30.
FXLS8971CF package outline notes ...............85
Fig. 31.
PCB design guidelines - Solder mask
opening patttern .............................................. 87
Fig. 32.
PCB design guideline - I/O pads and
solderable area ............................................... 88
Fig. 33.
PCB footprint guidelines ..................................89
FXLS8971CF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
98 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com