Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8971CF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FXLS8971CF
Description  3-Axis Low-g Accelerometer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8971CF Datasheet(HTML) 5 Page - NXP Semiconductors

  FXLS8971CF Datasheet HTML 1Page - NXP Semiconductors FXLS8971CF Datasheet HTML 2Page - NXP Semiconductors FXLS8971CF Datasheet HTML 3Page - NXP Semiconductors FXLS8971CF Datasheet HTML 4Page - NXP Semiconductors FXLS8971CF Datasheet HTML 5Page - NXP Semiconductors FXLS8971CF Datasheet HTML 6Page - NXP Semiconductors FXLS8971CF Datasheet HTML 7Page - NXP Semiconductors FXLS8971CF Datasheet HTML 8Page - NXP Semiconductors FXLS8971CF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
NXP Semiconductors
FXLS8971CF
3-Axis Low-g Accelerometer
Symbol
Pin
Description
INT2 / EXT_TRIG / BOOT_OUT
6
Mode-dependent multifunction I/O pin 2.[2]
BT_MODE = VDD: Open-drain[4] output signaling the device boot process
has completed. This pin is typically connected to MOT_DET in a wired-AND
configuration; a pull-up resistor is required.
BT_MODE = GND: Programmable interrupt output pin 2[5] / External
measurement trigger input. This pin should be left unconnected if unused in the
application circuit.
SPI_CS_B / WAKE_UP
7
SPI chip select input, active low / Hibernate mode wake-up pin.[6] The
WAKE_UP function is only available when BT_MODE = GND.
INT1 / MOT_DET
8
Mode-dependent multifunction I/O pin 1.[7]
BT_MODE = GND: Programmable interrupt output pin 1.[5] This pin should be
left unconnected if unused in the application circuit.
BT_MODE = VDD: MOT_DET multifunction I/O.[4] The host MCU sets this pin
high through a pull-up resistor to enable motion detection, and drives it low
for greater than TMOT-HIB ms to disable motion detection and enter Hibernate
mode. FXLS8971CF will pulse the line low for TPULSE-MOT ms after motion is
detected. This line may also be used to select the motion detection threshold.
See Section 14 for more information.
INTF_SEL
9
Device interface mode selection pin.
VDD: SPI interface mode [3]
GND: I2C interface mode
GND
10 Supply return connection.
NC
11 No connection.
NC
12 No connection
Table 3. Pin descriptions...continued
[1]
BT_MODE state is latched after POR.
[2]
Under Hibernate mode, pin configuration is High Impedance.
[3]
3-wire SPI mode may be selected in
SENS_CONFIG1[SPI_M]; 3-wire operation is also possible by directly connecting the SPI_MISO and SPI_MOSI pins
together on the PCB.
[4]
An external pull-up resistor is required on this pin when BT_MODE = VDD.
[5]
This pin is configurable as either an input or output (push-pull or open-drain/open-source output type), but defaults to a push-pull output after POR, or after
exiting Hibernate mode.
[6]
Under Hibernate mode, pin configuration is High Impedance (when BT_MODE = VDD) and CMOS Input (when BT_MODE = GND).
[7]
Under Hibernate mode, pin configuration is High Impedance (when BT_MODE = GND) and CMOS Input (when BT_MODE = VDD).
FXLS8971CF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
5 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com