Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8971CF Datasheet(PDF) 93 Page - NXP Semiconductors

Part # FXLS8971CF
Description  3-Axis Low-g Accelerometer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8971CF Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button FXLS8971CF Datasheet HTML 89Page - NXP Semiconductors FXLS8971CF Datasheet HTML 90Page - NXP Semiconductors FXLS8971CF Datasheet HTML 91Page - NXP Semiconductors FXLS8971CF Datasheet HTML 92Page - NXP Semiconductors FXLS8971CF Datasheet HTML 93Page - NXP Semiconductors FXLS8971CF Datasheet HTML 94Page - NXP Semiconductors FXLS8971CF Datasheet HTML 95Page - NXP Semiconductors FXLS8971CF Datasheet HTML 96Page - NXP Semiconductors FXLS8971CF Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
NXP Semiconductors
FXLS8971CF
3-Axis Low-g Accelerometer
Document ID
Release date
Description
landing pattern on a 2-layer FR4 PCB with 1.2 mm (47 mil) overall
thickness." to "Determined with post board mount data using a standard
lead-free reflow profile and NXP recommended landing pattern on a 10-
layer FR4 PCB with 1.6 mm (63 mil) overall thickness."
– Footnote 2: revised footnote from "Based on characterization data on
limited number of parts from 3 lots" to "Based on characterization data on
limited number of parts from 3 lots. Limits provided with 4 sigma margin
and 99% confidence level."
– Section 9.1, inserted new section, content and images.
• Section 10, Table 8, revsied as follows:
– IDDHPM: revsied the Typ value from "150" to "146.9".
– IDDLPM: revised all Typ values from "150, 75, 38, 20, 11, 5.3, 3.1, 1.8, 1.4,
1.0, 0.80, 0.70, and 0.65." to "146.9, 73.9, 37.5, 19.4, 10.4, 5.04, 2.75, 1.6,
1.21, 0.84, 0.65, 0.56, and 0.51".
– IDDSTBY: revised Typ value from "0.60" to "0.46".
• Section 15.3.3, Table 52 and Table 53, removed the columns titled "Noise RMS
(mg)" and "IDD (µA)" and the associated footnotes.
• Section 16.3, Figure 22, Figure 23, Figure 25, Figure 26, and Figure 27,
updated the graphic registration number, no content change to the images.
• Section 16.3, Figure 24, revised "C2 0.1 µF" to "C1 0.1 µF" and updated the
graphic registration number.
• Section 19.1, inserted note at the end of the section.
• Section 20, Cross-axis sensitivity: Removed "The cross-axis sensitivity
specification represents the maximum of these six terms." from the description.
FXLS8971CF v.1.1 20 December 2022
• FXLS8971CF v.1.1 supercedes FXLS8971CF v.1.
• FXLS8971CF v.1.1 is an objective data sheet.
• Section 2, Post-board mount feature, revised "±0.25 mg/°C (typ)" to "–0.15 mg/
°C (typ)."
FXLS8971CF v.1
28 November 2022
• FXLS8971CF v.1 is an objective data sheet.
• Initial release.
Table 122. Revision history...continued
FXLS8971CF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
93 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com