Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LP3958 Datasheet HTML 17Page - National Semiconductor (TI) LP3958 Datasheet HTML 18Page - National Semiconductor (TI) LP3958 Datasheet HTML 19Page - National Semiconductor (TI) LP3958 Datasheet HTML 20Page - National Semiconductor (TI) LP3958 Datasheet HTML 21Page - National Semiconductor (TI) LP3958 Datasheet HTML 22Page - National Semiconductor (TI) LP3958 Datasheet HTML 23Page - National Semiconductor (TI) LP3958 Datasheet HTML 24Page - National Semiconductor (TI) LP3958 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
I
2C Compatible Interface (Continued)
20175554
I
2C Timing Diagram
I
2C TIMING PARAMETERS (V
DD1,2 = 3.0 to 4.5V, VDDIO = 1.8V to VDD1,2)
Symbol
Parameter
Limit
Units
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time (Output direction, delay generated by LP3958)
300
900
ns
5
Data Hold Time (Input direction, delay generated by Master)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20+0.1C
b
300
ns
8
Fall Time of SDA and SCL
15+0.1C
b
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
C
b
Capacitive Load for Each Bus Line
10
200
pF
NOTE: Data guaranteed by design
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com