Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3958 Datasheet HTML 3Page - National Semiconductor (TI) LP3958 Datasheet HTML 4Page - National Semiconductor (TI) LP3958 Datasheet HTML 5Page - National Semiconductor (TI) LP3958 Datasheet HTML 6Page - National Semiconductor (TI) LP3958 Datasheet HTML 7Page - National Semiconductor (TI) LP3958 Datasheet HTML 8Page - National Semiconductor (TI) LP3958 Datasheet HTML 9Page - National Semiconductor (TI) LP3958 Datasheet HTML 10Page - National Semiconductor (TI) LP3958 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Modes of Operation
RESET:
In the RESET mode all the internal registers are reset to the default values. Reset is entered always if input
NRST is LOW or internal Power On Reset is active. Power On Reset (POR) will activate during the chip
startup or when the supply voltages V
DD1 and VDD2 fall below 1.5V. Once VDD1 and VDD2 rises above 1.5V,
POR will inactivate and the chip will continue to the STANDBY mode. NSTBY control bit is low after POR
by default.
STANDBY:
The STANDBY mode is entered if the register bit NSTBY is LOW and Reset is not active. This is the low
power consumption mode, when all circuit functions are disabled. Registers can be written in this mode and
the control bits are effective immediately after start up.
STARTUP:
When NSTBY bit is written high, the INTERNAL STARTUP SEQUENCE powers up all the needed internal
blocks (V
REF, Bias, Oscillator etc.). To ensure the correct oscillator initialization, a 10ms delay is generated
by the internal state-machine. If the chip temperature rises too high, the Thermal Shutdown (THSD)
disables the chip operation and STARTUP mode is entered until no thermal shutdown event is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is raised in low
current PWM mode during the 20ms delay generated by the state-machine. All LED outputs are off during
the 20ms delay to ensure smooth startup. The Boost startup is entered from Internal Startup Sequence if
EN_BOOST is HIGH or from Normal mode when EN_BOOST is written HIGH.
NORMAL:
During NORMAL mode the user controls the chip using the Control Registers. The registers can be written
in any sequence and any number of bits can be altered in a register in one write.
20175575
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com