Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3958 Datasheet HTML 1Page - National Semiconductor (TI) LP3958 Datasheet HTML 2Page - National Semiconductor (TI) LP3958 Datasheet HTML 3Page - National Semiconductor (TI) LP3958 Datasheet HTML 4Page - National Semiconductor (TI) LP3958 Datasheet HTML 5Page - National Semiconductor (TI) LP3958 Datasheet HTML 6Page - National Semiconductor (TI) LP3958 Datasheet HTML 7Page - National Semiconductor (TI) LP3958 Datasheet HTML 8Page - National Semiconductor (TI) LP3958 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Connection Diagrams and Package Mark Information (Continued)
PIN DESCRIPTIONS
Pin #
Name
Type
Description
5E
SW
Output
Boost Converter Power Switch
5D
FB
Input
Boost Converter Feedback
5C
KEY1
Output
Keypad LED Output 1 (Current Sink)
5B
KEY2
Output
Keypad LED Output 2 (Current Sink)
5A
KEY3
Output
Keypad LED Output 3 (Current Sink)
4E
GND_SW
Ground
Power Switch Ground
4D
NRST
Input
External Reset, Active Low
4C
SCL
Logic Input
Clock Input for I
2C Compatible Interface
4B
IKEY
Input
External Keypad LED Maximum Current Set Resistor
4A
GND_KEY
Ground
Ground for KEY LED Currents
3E
VDD2
Power
Supply Voltage 3.0...5.5 V
3D
VDDIO
Power
Supply Voltage for Digital Input/Output Buffers and Drivers
3C
SDA
Logic Input/Output
Data Input/Output for I
2C Compatible Interface
3B
GPIO[2]
Logic Input/Output
General Purpose Logic Input/Output
3A
GPIO[0] / PWM
Logic Input/Output
General Purpose Logic Input/Output / External PWM Input
2E
GND_WLED
Ground
Ground for White LED Currents (MAIN and SUB Outputs)
2D
GNDT
Ground
Ground
2C
VDD1
Power
Supply Voltage 3.0...5.5 V
2B
VREF
Output
Reference Voltage (1.23V)
2A
GPIO[1]
Logic Input/Output
General Purpose Logic Input/Output
1E
MAIN
Output
MAIN Display White LED Current Output (Current Sink)
1D
SUB
Output
SUB Display White LED Current Output (Current Sink)
1C
VDDA
Output
Internal LDO Output (2.80V)
1B
GND
Ground
Ground for Core Circuitry
1A
IRT
Input
Oscillator Frequency Set Resistor
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com