Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3958 Datasheet HTML 12Page - National Semiconductor (TI) LP3958 Datasheet HTML 13Page - National Semiconductor (TI) LP3958 Datasheet HTML 14Page - National Semiconductor (TI) LP3958 Datasheet HTML 15Page - National Semiconductor (TI) LP3958 Datasheet HTML 16Page - National Semiconductor (TI) LP3958 Datasheet HTML 17Page - National Semiconductor (TI) LP3958 Datasheet HTML 18Page - National Semiconductor (TI) LP3958 Datasheet HTML 19Page - National Semiconductor (TI) LP3958 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Backlight Drivers (Continued)
FADE IN / FADE OUT
LP3958 has an automatic fade in and out for main and sub
backlight. The fade function is enabled with EN_FADE bit.
The slope of the fade curve is set by the SLOPE bit. Fade
control for main and sub display is set by FADE_SEL bit.
Recommended fading sequence:
1.
ASSUMPTION: Current WLED value in register
2.
Set SLOPE
3.
Set FADE_SEL
4.
Set EN_FADE = 1
5.
Set target WLED value
6.
Fading will be done either within 0.65s or 1.3s based on
SLOPE selection
Fading times apply to full scale change i.e. from 0 to 100% or
vice versa. If the current change does not correspond to full
scale change, the time will be respectively shorter. See
WLED Dimming diagrams for typical fade times.
WLED CONTROL REGISTER (03H)
Name
Bit
Description
SLOPE
5
FADE execution time:
0 = 1.3s (full scale)
1 = 0.65s (full scale)
FADE_SEL
4
FADE selection:
0 = FADE controls MAIN
1 = FADE controls SUB
EN_FADE
3
FADE enable
0 = FADE disabled
1 = FADE enabled
DISPL
2
Display mode:
0 = MAIN and SUB individual control
1 = MAIN and SUB controlled with
MAIN DAC
EN_MAIN
1
MAIN enable:
0 = disable
1 = enable
EN_SUB
0
SUB enable:
0 = disable
1 = enable
Note: if DISPL=1 and FADE_SEL=0 then FADE effects MAIN and SUB
Adjustment is made with 04H (main current) and with 05H
(sub current) registers:
MAIN CURRENT [7:0]
SUB CURRENT [7:0]
Driver current,
mA (typical)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
0000 0011
0.3
……
……
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com