Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP3958 Datasheet HTML 11Page - National Semiconductor (TI) LP3958 Datasheet HTML 12Page - National Semiconductor (TI) LP3958 Datasheet HTML 13Page - National Semiconductor (TI) LP3958 Datasheet HTML 14Page - National Semiconductor (TI) LP3958 Datasheet HTML 15Page - National Semiconductor (TI) LP3958 Datasheet HTML 16Page - National Semiconductor (TI) LP3958 Datasheet HTML 17Page - National Semiconductor (TI) LP3958 Datasheet HTML 18Page - National Semiconductor (TI) LP3958 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Backlight Drivers
LP3958 has 2 independent backlight drivers. Both drivers are regulated constant current sinks. LED current for both LED strings
are controlled by the 8-bit current mode DACs with 0.1 mA step. MAIN and SUB LEDs can be also controlled with one DAC
(MAIN) for better matching allowing the use of larger displays having up to 8 white LEDs by setting DISPL bit to 1.
20175589
MAIN output for 4 LEDs (DISPL = 0)
20175590
SUB output for 2 LEDs (DISPL = 0)
20175591
MAIN and SUB outputs for 8 LEDs (DISPL = 1)
PWM CONTROL
External PWM control is enabled by writing 1 to EN_MAIN_PWM and/or EN_SUB_PWM bits in register address 2BH. GPIO[0]
pin is used as external PWM input when EN_PWM_PIN is set high. PWM input is active high, i.e. LED is activated when in high
state.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com