Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3958
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3958 Datasheet HTML 1Page - National Semiconductor (TI) LP3958 Datasheet HTML 2Page - National Semiconductor (TI) LP3958 Datasheet HTML 3Page - National Semiconductor (TI) LP3958 Datasheet HTML 4Page - National Semiconductor (TI) LP3958 Datasheet HTML 5Page - National Semiconductor (TI) LP3958 Datasheet HTML 6Page - National Semiconductor (TI) LP3958 Datasheet HTML 7Page - National Semiconductor (TI) LP3958 Datasheet HTML 8Page - National Semiconductor (TI) LP3958 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LP3958
Lighting Management Unit with High Voltage Boost
Converter
General Description
LP3958 is a Lighting Management Unit for portable applica-
tions. It is used to drive display backlight and keypad LEDs.
The device can drive 5 separately connected strings of LEDs
with high voltage boost converter.
The keypad LED driver allows driving LEDs from high volt-
age boost converter or separate supply voltage.The MAIN
and SUB outputs are high resolution current mode drivers.
Keypad LED outputs can be used in switch mode and cur-
rent mode. External PWM control can be used for any se-
lected outputs.
The device is controlled through 2-wire low voltage I
2C
compatible interface that reduces the number of required
connections.
LP3958 is offered in a tiny 25-bump micro-SMD package.
Features
n
High efficiency boost converter with programmable
output voltage
n
2 individual drivers for serial display backlight LEDs
n
3 drivers for serial keypad LEDs
n
Automatic dimming controller
n
Stand alone serial keypad LEDs controller
n
3 general purpose IO pins
n
25-bump micro SMD Package: (2.54mm x 2.54mm x
0.6mm)
Applications
n
Cellular Phones and PDAs
n
MP3 Players
n
Digital Cameras
Typical Application
20175570
February 2006
© 2006 National Semiconductor Corporation
DS201755
www.national.com


Similar Part No. - LP3958

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
LP3958 TI2-LP3958 Datasheet
575Kb / 35P
Lighting Management Unit with High Voltage Boost Converter
REVISED MARCH 2013
LP3958TL/NOPB TI1-LP3958TL/NOPB Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
LP3958TL/NOPB TI2-LP3958TL/NOPB Datasheet
575Kb / 35P
Lighting Management Unit with High Voltage Boost Converter
REVISED MARCH 2013
LP3958TL/NOPB.A TI2-LP3958TL/NOPB.A Datasheet
575Kb / 35P
Lighting Management Unit with High Voltage Boost Converter
REVISED MARCH 2013
More results

Similar Description - LP3958

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
logo
Texas Instruments
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
LP3958 TI1-LP3958 Datasheet
1Mb / 36P
Lighting Management Unit with High Voltage Boost Converter
LP5526 TI1-LP5526_15 Datasheet
1Mb / 41P
Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com