Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5956AF Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5956AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —2
FEATURES
Interfaces
I
Input data format
• 2s-complement, MSB-first, L/R alternating serial
IIS/non-IIS formats
I
Input word length
• 16/20/24-bit
I
Output data format
• 2s-complement, MSB-first, L/R alternating serial
IIS/non-IIS format
• Continuous bit clock (64fso/48fso)
I
Output word length
• 16/20/24-bit
Structure
I
Silicon-gate CMOS process
Applications
I
Sample rate conversion between digital audio
equipment (AV amplifiers, CD-R/RW, MD, DVC
etc.)
I
Sample rate conversion in commercial record-
ing/editing equipment
Converter Performance
I
Internal data word length: 20 bits
I
Deemphasis filter characteristics (IIR filter)
• Gain deviation from ideal filter characteristic:
± 0.03dB
I
Anti-aliasing LPF characteristics
• Passband ripple:
± 0.0001dB
• Stopband attenuation:
> 98dB
I
Converter noise levels
• Internal calculation noise:
≤ −96dB
• Output round-off noise:
16-bit output mode :
−98dB
20-bit output mode :
−122dB
24-bit output mode :
−146dB
Format
IMOD1
IMOD0
IIS
L
L
MSB-first left-justified
L
H
MSB-first right-justified
H
L
MSB-first right-justified
H
H
Input word length
IWL1
IWL0
16 bits
L
L
20 bits
L
H
24 bits
H
L
24 bits
H
H
Format
OMOD1
OMOD0
IIS
L
L
MSB-first left-justified
L
H
MSB-first right-justified
H
L
MSB-first right-justified
H
H
Output word length
OWL1
OWL0
16 bits
L
L
20 bits
L
H
24 bits
H
L
24 bits
H
H
Combined theoretical S/N
Output word length
Input word length
16 bits
20 bits
24 bits
16 bits
−92.3dB
−94.0dB
−94.0dB
20 bits
−94.0dB
−96.0dB
−96.0dB
24 bits
−94.1dB
−96.1dB
−96.2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com