Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5956AF Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5956AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —7
AC Characteristics
Output-system clock (SCK input)
Reset input (RSTN input)
Note. tCY = output-system clock (SCK input) cycle time
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Clock pulse cycle time
tCY
SCKSLN = L
39.0
−
65.1
ns
SCKSLN = H
26.0
−
43.4
HIGH-level clock pulsewidth
tCWH
SCKSLN = L
15.6
−
39.1
ns
SCKSLN = H
10.4
−
26.0
LOW-level clock pulsewidth
tCWL
SCKSLN = L
15.6
−
39.1
ns
SCKSLN = H
10.4
−
26.0
Clock pulse duty
40
−
60
%
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
RSTN pulsewidth
tRST
4tCY
−−
ns
tCWH
SCK
tCWL
tCY
VIH
0.5VDD
VIL
tRST
RSTN
VIH
0.5VDD
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com