Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5956AF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —13
Output mode select
Output timing
See the timing for each of the output formats in figures 10 to 18. In slave mode, note that the LRCO and BCKO
as timing shown in figures 10 to 14 must be inputted externally. In through mode, note that the LRCI, BCKI,
DI* inputs are passed to the outputs as-is, regardless of the output data format setting, and that DITO is a
LOW-level output.
Note. DI*: DIA, DIB, DIC pins
DO*: DOA, DOB, DOC pins
Output-System Clock (SCK, SCKSLN pins)
The output-system clock input must have a frequency of either 512fso or 768fso, where fso is the output-sys-
tem sampling frequency. In master mode, the LRCO and BCKO signals are derived from this clock input by
frequency division. This clock is also used as the system clock by the internal processing circuits.
Pins
Function
THROUN
SLAVEN
Mode
Description
LRCO, BCKO pin state
H
H
Master
LRCO, BCKO are derived by frequency division of
the SCK input clock.
Outputs
LSlave
LRCO, BCKO are supplied externally.
When SCKSLN = L, BCKO is set to 64fso.
When SCKSLN = H, BCKO is set to 48fso.
Inputs
L
L or H
Through
The LRCI, BCKI, DIA, DIB, DIC inputs are fed
directly to the LRCO, BCKO, DO* outputs.
The DITO output is LOW-level.
Outputs
SCKSLN
SCK input
L
512fso (fso = output-system sampling frequency)
LRCO rate
→ 1fso
BCKO rate
→ 64fso
H
768fso (fso = output-system sampling frequency)
LRCO rate
→ 1fso
BCKO rate
→ 48fso



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com