Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5956AF Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5956AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —21
Group Propagation Delay
tINPUT
: Serial input data (fsi rate) read end timing (LRCI clock rising edge)
tOUTPUT : Serial output data (fso rate) output start timing (LRCO clock rising edge)
Cratio
: Sample rate conversion ratio (fsi/fso)
tOUTPUT − tINPUT = ((51.791 × Cratio + 41.557) ± 36)/fso (at SCKSLN = H, 768fso operation)
tOUTPUT − tINPUT = ((51.122 × Cratio + 38.647) ± 36)/fso (at SCKSLN = L, 512fso operation)
Response Time
A certain amount of time is required to calculate the sample rate conversion ratio in the conversion rate detec-
tor. Assuming as a prerequisite that the SM5956A is supplied with a stable input-system sampling frequency
(fsi: input on LRCI) and a stable output-system sampling frequency (fso: derived from the SCK clock), the
time required after system reset to determine the sample rate conversion ratio with 16-bit precision is defined as
the minimum response time, given by:
Response time = 28140/fso (638ms at fso = 44.1kHz)
Input frequency
fsi [kHz]
Output frequency
fso [kHz]
Response time [ms]
SCKSLN = L
SCKSLN = H
32
44.1
594
285
32
48
557
263
44.1
32
822
406
44.1
48
473
228
48
32
799
403
48
44.1
478
302
32
32
447
395
44.1
44.1
325
287
48
48
298
264
Serial data input
1/fsi
tINPUT
1/fso
Serial data output
t OUTPUT
tINPUT
t OUTPUT −
tINPUT
t OUTPUT −
t OUTPUT
tINPUT
Data waveform image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com