Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5956AF Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5956AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —16
MCU Interface (MDT, MCK, MLE pins)
The SM5956A has a 3-wire serial MCU interface that is used to set the digital audio interface channel status
data.
Command format
The commands from a microcontroller are input using the data input (MDT), bit clock (MCK), and load signal
(MLE) inputs in bit serial format.
Register table
I
Address: 0/H
Note. Each flag operates using logic-OR with its corresponding external input pin of the same name. If only the MCU interface is used for control, all the
pins corresponding to the flags must be set to their inactive level. When the flags are set to their default level, control using external pins is enabled.
I
Address: 1/H
Note. This LSI can accept 4 type category codes shown in the table.
Write command format
Bit
Flag name
Description
Default
D11
Not used
Set to 0 for normal operation
0
D10
Not used
Set to 0 for normal operation
0
D9
Not used
Set to 0 for normal operation
0
D8
Not used
Set to 0 for normal operation
0
D7
Not used
Set to 0 for normal operation
0
D6
DMUTEN
Direct mute flag
1
D5
THROUN
Through mode flag
1
D4
SLAVEN
Slave mode flag
1
D3
OEDITON
DIT output enable flag
1
D2
DEEMN
Deemphasis select flag
1
D1
FS1
Deemphasis frequency select flag 1
0
D0
FS0
Deemphasis frequency select flag 0
0
Bit
Flag name
Description
Default
D11
CNTL0
Channel status bit 0
0
D10
CNTL1
Channel status bit 1
0
D9
CNTL2
Channel status bit 2. COPY flag
0
D8
CNTL3
Channel status bit 3. EMP flag
0
D7
CATGY0
Category code set flag 0
(CATGY1, CATGY0) = category
(0, 0) = “100 0000L” (CD)
(0, 1) = “100 1100L” (DVD)
(1, 0) = “100 0100L” (VCD)
(1, 1) = “010 1100L” (SRC)
0
D6
CATGY1
Category code set flag 1
0
D5
Not used
0
D4
LBIT
Channel status bit 15
0
D3
CFS1
Channel status bit 24
0
D2
CFS2
Channel status bit 25
0
D1
CP1
Channel status bit 28
0
D0
CP2
Channel status bit 29
0
A3 A2 A1 A0 D11D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Data 12bit
Address 4bit
MDT
MCK
MLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com