Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5956AF Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —8
Serial inputs (LRCI, BCKI, DI* inputs)
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
LRCI cycle time
tLICY
5
−
100
µs
BCKI pulse cycle time
tBICY
78
−
3125
ns
BCKI HIGH-level pulsewidth
tBICWH
30
−−
ns
BCKI LOW-level pulsewidth
tBICWL
30
−−
ns
DI* setup time
tDIS
30
−−
ns
DI* hold time
tDIH
30
−−
ns
Last BCKI rising edge
→
LRCI edge
tBLI
30
−−
ns
LRCI edge
→
first BCKI rising edge
tLBI
30
−−
ns
Note. DI*: DIA, DIB, DIC pins
BCKI
tBLI
LRCI
VIH
0.5VDD
VIL
tLBI
VIH
0.5VDD
VIL
DI*
VIH
0.5VDD
VIL
tDIS
tDIH
tBICWH
tBICWL
tBICY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com