Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5027CS-4 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # CF5027CS-4
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027CS-4 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button CF5027CS-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 16Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 17Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 18Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 19Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 20Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 21Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —17
Output Waveform
Measurement equipment: Agilent 54855A Oscilloscope
5027A1, VDD = 3.3V, fOUT = 48MHz,
CL = 15pF, Ta = 25°C
5027AP, VDD = 3.3V, fOUT = 80MHz,
CL = 15pF, Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com