Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5027CS-4 Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # CF5027CS-4
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027CS-4 Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button CF5027CS-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 16Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 17Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —14
MEASUREMENT CIRCUITS
Measurement cct 1
Measurement parameter: IDD, IST, Duty, tr , tf
Note: The AC characteristics are observed using an oscilloscope on
pin Q.
Measurement cct 2
Measurement parameter: tOD
XTN input signal: 1Vp-p, sine wave
C1: 0.001
µFCL: 15pF
R1: 50
Ω
RL: 1kΩ
Measurement cct 3
Measurement parameter: VOH, VOL
XTN input signal: 1Vp-p, sine wave
VDD
VSS
XT
Q
X'tal
XTN
INHN
IDD
IST
A
(Including probe
capacitance)
CL = 15pF
IDD: Open
IST: Short
0.1
µF
IDD: Open
VDD
VSS
Q
XTN
INHN
Signal
Generator
R1
C1
VDD
or
VSS
RL
CL
0.1
µF
VDD
VSS
Q
XTN
Signal
Generator
50
Ω
0.001
µF
VOH
VOL
V
50
Ω
0.1
µFVS
∆V
VOH
VS
∆V
VOL
VS
0.1
µF
VS adjusted such that ∆V =
50
× IOH.
VS adjusted such that ∆V =
50
× IOL.
Measurement cct 4
Measurement parameter: VIH, VIL
VIH: Voltage in VSS to VDD transition that changes the output state.
VIL: Voltage in VDD to VSS transition that changes the output state.
INHN has an oscillation stop function.
Measurement cct 5
Measurement parameter: IZ
Measurement cct 6
Measurement parameter: RUP1, RUP2
VDD
VSS
XT
Q
X'tal
XTN
INHN
VIH
VIL
V
0.1
µF
VDD
VSS
Q
INHN
IZ
A
VDD
or
VSS
0.1
µF
VDD
VSS
INHN
VIN
V
A IUP
VDD
IUP
(VIN = 0V)
RUP2 =
IUP
VDD 0.7VDD
RUP1 =
(VIN = 0.7VDD)
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com