Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5027CS-4 Datasheet(PDF) 15 Page - Nippon Precision Circuits Inc

Part # CF5027CS-4
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027CS-4 Datasheet(HTML) 15 Page - Nippon Precision Circuits Inc

Back Button CF5027CS-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 16Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 17Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 18Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 19Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —15
TYPICAL PERFORMANCE (for fundamental oscillator)
The following characteristics measured using the crystal below. Note that the characteristics will vary with the
crystal used.
I
Crystal used for measurement
I
Crystal parameters
Current Consumption
Negative Resistance
Parameter
fO = 48MHz
fO = 80MHz
C0 [pF]
1.6
2.1
R1 [
Ω]12
10
L1
C0
R1
C1
5027A1, fOUT = 48MHz, Ta = 25°C
1.5
2
2.5
VDD [V]
3
3.5
4
0
2
4
6
8
10
CL = 0pF
CL = 15pF
5027AP, fOUT = 80MHz, Ta = 25°C
1.5
2
2.5
VDD [V]
3
3.5
4
0
2
4
6
8
10
CL = 0pF
CL = 15pF
5027
×1 to ×7, VDD = 3.3V, Ta = 25°C
30
20
10
40
50
60
Frequency [MHz]
0
–200
–400
–600
–800
–1000
C0 = 0pF
C0 = 1pF
C0 = 2pF
5027
×P to ×W, VDD = 3.3V, Ta = 25°C
70
60
50
80
90
100
Frequency [MHz]
0
–200
–400
–600
–800
–1000
C0 = 0pF
C0 = 1pF
C0 = 2pF
Characteristics are measured with a capacitance C0, representing the crystal equivalent circuit C0 capacitance, connected between the
XT and XTN pins. Measurements are performed with Agilent 4396B using the NPC test jig. Characteristics may vary with measurement jig
and measurement conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com