Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5027CS-4 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5027CS-4
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027CS-4 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5027CS-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —2
SERIES CONFIGURATION
For Fundamental Oscillator
For 3rd Overtone Oscillator
VERSION NAME
Operating
supply
voltage range
[V]
Output drive
capability
[mA]
PAD layout
Recommended
oscillation
frequency range*1
[MHz]
*1. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tion frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Version*2
*2. Wafer form devices have designation WF5027
×× and chip form devices have designation CF5027××.
fO
output
fO/2
output
fO/4
output
fO/8
output
fO/16
output
fO/32
output
fO/64
output
1.60 to 3.63
± 4
Flip Chip
Bonding
20 to 60
5027A1
5027A2
5027A3
5027A4
5027A5
5027A6
5027A7
60 to 100
5027AP
5027AQ
5027AR
5027AS
5027AT
5027AV
5027AW
Wire Bonding
Type I
20 to 60
5027B1
5027B2
5027B3
5027B4
5027B5
5027B6
5027B7
60 to 100
5027BP
5027BQ
5027BR
5027BS
5027BT
5027BV
5027BW
Wire Bonding
Type II
20 to 60
5027C1
5027C2
5027C3
5027C4
5027C5
5027C6
5027C7
60 to 100
5027CP
5027CQ
5027CR
5027CS
5027CT
5027CV
5027CW
Operating
supply
voltage range
[V]
Output drive
capability
[mA]
PAD layout
Recommended oscillation frequency range*1 [MHz] and version*2
*1. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tion frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
*2. Wafer form devices have designation WF5027
×× and chip form devices have designation CF5027××.
Versions in parentheses ( ) are under development.
40 to 50
50 to 65
65 to 85
85 to 110
110 to 145
145 to 180
1.60 to 3.63
± 8
Flip Chip Bonding
5027MA
5027MB
5027MC
5027MD
(5027QE)
(5027QF)
Wire Bonding Type I
5027NA
5027NB
5027NC
5027ND
(5027RE)
(5027RF)
Wire Bonding Type II
5027PA
5027PB
5027PC
5027PD
(5027SE)
(5027SF)
Device
Package
Version name
WF5027
××–4
Wafer form
CF5027
××–4
Chip form
WF5027
−4
Oscillation frequency range, frequency divider function
Pad layout type
Form
A, M, Q: for Flip Chip Bonding
B, N, R: for Wire Bonding (type I)
C, P, S: for Wire Bonding (type II)
WF: Wafer form
CF: Chip (Die) form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com