Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5027CS-4 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5027CS-4
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027CS-4 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5027CS-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —1
Crystal Oscillator Module ICs
OVERVIEW
The WF5027 series are miniature crystal oscillator module ICs. The oscillator circuit stage has voltage regula-
tor drive, significantly reducing current consumption and crystal current, compared with existing devices, and
significantly reducing the oscillator characteristics supply voltage dependency. There are 3 pad layout package
options available for optimized mounting, making these devices ideal for miniature crystal oscillators.
FEATURES
I
Wide range of operating supply voltage: 1.60 to 3.63V
I
Regulated voltage drive oscillator circuit for reduced
power consumption and crystal drive current
I
Optimized low crystal drive current oscillation for
miniature crystal units
I
3 pad layout options for mounting
• 5027A
×, M×, Q× series: for Flip Chip Bonding
• 5027B
×, N×, R× series: for Wire Bonding (type I)
• 5027C
×, P×, S× series: for Wire Bonding (type II)
I
Recommended oscillation frequency range
For fundamental oscillator
• Low frequency version: 20MHz to 60MHz
• High frequency version: 60MHz to 100MHz
For 3rd overtone oscillator
• Low frequency version: 40MHz to 110MHz
• High frequency version*1: 110MHz to 180MHz
*1: under development
I
Multi-stage frequency divider for low-frequency
output support: 0.9MHz (min)
I
Frequency divider built-in (for fundamental oscil-
lator)
• Selectable by version: fO, fO/2, fO/4, fO/8, fO/16,
fO/32, fO/64
I
−40 to 85°C operating temperature range
I
Standby function
• High impedance in standby mode, oscillator
stops
I
CMOS output duty level (1/2VDD)
I
50 ± 5% output duty
I
15pF output drive capability
I
Wafer form (WF5027
××)
Chip form (CF5027
××)
APPLICATIONS
I
3.2
× 2.5, 2.5 × 2.0, 2.0 × 1.6 size miniature crystal oscillator modules
ORDERING INFORMATION
Device
Package
WF5027
××–4
Wafer form
CF5027
××–4
Chip form


Similar Part No. - CF5027CS-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA NPC-CF5020ALA Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA-2 NPC-CF5020ALA-2 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB NPC-CF5020ALB Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB-2 NPC-CF5020ALB-2 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
More results

Similar Description - CF5027CS-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com