Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5027CS-4 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # CF5027CS-4
Description  Crystal Oscillator Module ICs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5027CS-4 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button CF5027CS-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5027CS-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —8
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
For Fundamental Oscillator
VSS = 0V
For 3rd Overtone Oscillator
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
Between VDD and VSS
−0.5 to +4.0
V
Input voltage range
VIN
Input pins
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
Output pins
−0.5 to VDD + 0.5
V
Storage temperature range
TSTG
Wafer form
−65 to +150
°C
Output current
IOUT
Q pin
± 20
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage
VDD
CL
≤ 15pF
1.60
–
3.63
V
Input voltage
VIN
Input pins
VSS
–VDD
V
Operating temperature
TOPR
−40
–
+85
°C
Oscillation frequency*1
*1. The oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillation frequency
range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation
characteristics of components must be carefully evaluated.
fO
5027
×1 to 5027×7
20–60
MHz
5027
×P to 5027×W
60
–
100
MHz
Output frequency
fOUT
CL
≤ 15pF
5027
×1 to 5027×7
0.9
–
60
MHz
5027
×P to 5027×W
0.9
–
100
MHz
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage
VDD
CL
≤ 15pF
1.60
–
3.63
V
Input voltage
VIN
Input pins
VSS
–VDD
V
Operating temperature
TOPR
−40
–
+85
°C
Oscillation frequency*1
*1. The oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillation frequency
range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation
characteristics of components must be carefully evaluated.
fO
5027
×A
40–50
MHz
5027
×B
50–65
MHz
5027
×C
65–85
MHz
5027
×D
85
–
110
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com