Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03PNR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCF03PNR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03PNR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCF03PNR Datasheet HTML 5Page - STMicroelectronics STCF03PNR Datasheet HTML 6Page - STMicroelectronics STCF03PNR Datasheet HTML 7Page - STMicroelectronics STCF03PNR Datasheet HTML 8Page - STMicroelectronics STCF03PNR Datasheet HTML 9Page - STMicroelectronics STCF03PNR Datasheet HTML 10Page - STMicroelectronics STCF03PNR Datasheet HTML 11Page - STMicroelectronics STCF03PNR Datasheet HTML 12Page - STMicroelectronics STCF03PNR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Maximum ratings
STCF03
9/35
4
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Table 3. Absolute maximum ratings (see note)
Symbol
Parameter
Value
Unit
VBAT
Signal supply voltage
-0.3 to 6
V
PVBAT
Power supply voltage
-0.3 to 6
V
VLX1A, VLX1B
Inductor connection 1
–0.3 to VI+0.3
V
VLX2
Inductor connection 2
–0.3 to VO+0.3
V
VOUT
Output voltage
-0.3 to 6
V
AUXL
Auxiliary LED
–0.3 to VI+0.3
V
FB1, FB2, FB2S
Feedback and sense voltage
-0.3 to 3
V
SCL, SDA, TRIG,
ATN, ADD TMSK
Logic Pin
-0.3 to VI+0.3
V
RX
Connection for reference resistor
-0.3 to 3
V
NTC
Connection for LED Temperature sensing
-0.3 to 3
V
ESD
Human body model
±2kV
PTOT (BGA)
(1)
1.
Power dissipation is related parameter to used PCB. The recommended PCB design is included in the application note.
Continuous power dissipation (at TA=70°C)
800
mW
TOP
Operating junction temperature range
-40 to 85
°C
TJ
Junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-65 to 150
°C
Table 4. Thermal data
Symbol
Parameter
QFN20
TFBGA25
Unit
RthJA
Thermal resistance junction-ambient
59
150
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com