Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03PNR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STCF03PNR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03PNR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STCF03PNR Datasheet HTML 24Page - STMicroelectronics STCF03PNR Datasheet HTML 25Page - STMicroelectronics STCF03PNR Datasheet HTML 26Page - STMicroelectronics STCF03PNR Datasheet HTML 27Page - STMicroelectronics STCF03PNR Datasheet HTML 28Page - STMicroelectronics STCF03PNR Datasheet HTML 29Page - STMicroelectronics STCF03PNR Datasheet HTML 30Page - STMicroelectronics STCF03PNR Datasheet HTML 31Page - STMicroelectronics STCF03PNR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Typical performance characteristics
STCF03
28/35
Figure 20.
IQ vs Temp. VI = 5.5V Ready-Mode
Figure 21.
Start-Up in Flash Mode 800mA at
VI = 3.6V
Figure 22.
Line transient in Flash Mode
800mA, change of VI from 2.7V to
3.3V in 10µs
0
0.5
1
1.5
2
2.5
3
-40°C
25°C
85°C
Temp.
0
0.5
1
1.5
2
2.5
3
-40°C
25°C
85°C
Temp.
TRIG
Io
I_IN
Io
I_IN
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com