Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03PNR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCF03PNR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03PNR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCF03PNR Datasheet HTML 6Page - STMicroelectronics STCF03PNR Datasheet HTML 7Page - STMicroelectronics STCF03PNR Datasheet HTML 8Page - STMicroelectronics STCF03PNR Datasheet HTML 9Page - STMicroelectronics STCF03PNR Datasheet HTML 10Page - STMicroelectronics STCF03PNR Datasheet HTML 11Page - STMicroelectronics STCF03PNR Datasheet HTML 12Page - STMicroelectronics STCF03PNR Datasheet HTML 13Page - STMicroelectronics STCF03PNR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Application
STCF03
10/35
5
Application
**: Connect to VI, or GND or SDA or SCL to choose one of the 4 different I
2C Slave Addresses.
***: Optional components to support auxiliary functions.
Note:
All of the above listed components refer to typical application. Operation of the STCF03 is
not limited to the choice of these external components.
Figure 3.
Application schematic
Table 5. List of external components
Component
Manufacturer
Part number
Value
Size
CI
TDK
X5R0J106M
10 µF
0603
CO
TDK
X5R0J105M
1 µF
0603
L (IFLASH = 0.5A)
TDK
VLF3012ST-4R7MR91
4.7 µH
2.6 x 2.8 x 1.2mm
L (IFLASH = 0.8A)
TDK
VLF4012AT-4R7M1R1
4.7 µH
3.7 x 3.5 x 1.2mm
NTC
Murata
NCP21WF104J03RA
100k
Ω
0805
RFL
0.27
Ω
0603
RTR
1.8
Ω
0402
RX
15k
Ω
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com