Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03PNR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STCF03PNR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03PNR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STCF03PNR Datasheet HTML 20Page - STMicroelectronics STCF03PNR Datasheet HTML 21Page - STMicroelectronics STCF03PNR Datasheet HTML 22Page - STMicroelectronics STCF03PNR Datasheet HTML 23Page - STMicroelectronics STCF03PNR Datasheet HTML 24Page - STMicroelectronics STCF03PNR Datasheet HTML 25Page - STMicroelectronics STCF03PNR Datasheet HTML 26Page - STMicroelectronics STCF03PNR Datasheet HTML 27Page - STMicroelectronics STCF03PNR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Description of internal registers
STCF03
24/35
8.15
VOUTOK_N
This bit is set by the STCF03. It is used to protect the device, if the output is shorted. The
VOUTOK_N bit is set to HIGH at the start-up. Then a current generator of 20mA charges the
output capacitor for 360 µs typ. and it detects when the output capacitor reaches 100 mV. If
this threshold is reached the bit is set to LOW. If the output is shorted to ground or the LED
is shorted this threshold is never reached: the bit stays HIGH, ATN pin is pulled down and
the device will not start. This bit is reset following a read operation of the STAT_REG.
Figure 13.
VOUTOK_N behavior
Table 16. Status register details
Bit Name
F_RUN
(STAT_REG)
LED_F
(STAT_REG)
NTC_W
(STAT_REG)
NTC_H
(STAT_REG)
OT_F
(STAT_REG)
VOUTOK_N
(STAT_REG)
Default value
00
0
0
0
0
Latched (1)
NO
YES
YES
YES
YES
YES
Forces
Ready mode
when set
NO
YES
NO
YES
YES
YES
Sets ATN
LOW when
set
NO
YES
YES
YES
YES
YES
1.
YES means that the bit is set by internal signals and is reset to default by an I2C read operation of STAT_REG NO means
that the bit is set and reset by internal signals in real-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com