Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03PNR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCF03PNR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03PNR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCF03PNR Datasheet HTML 8Page - STMicroelectronics STCF03PNR Datasheet HTML 9Page - STMicroelectronics STCF03PNR Datasheet HTML 10Page - STMicroelectronics STCF03PNR Datasheet HTML 11Page - STMicroelectronics STCF03PNR Datasheet HTML 12Page - STMicroelectronics STCF03PNR Datasheet HTML 13Page - STMicroelectronics STCF03PNR Datasheet HTML 14Page - STMicroelectronics STCF03PNR Datasheet HTML 15Page - STMicroelectronics STCF03PNR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical characteristics
STCF03
12/35
Note:
Typical value, not production tested.
RONT1
RX-NTC switch ON resistance Ready mode
25
Ω
NTCLEAK RX-NTC switch OFF leakage
Shutdown mode, VNTC = 2 V
VRX = GND
1
µA
VOL
Output logic signal level low
ATN
IOL = 10 mA
0.2
V
IOZ
Output logic leakage current
ATN
VOZ = 3.3 V
1
mA
VIL
Input logic signal level SCL,
SDA, TRIG, TEST, ADD
VI = 2.7 V to 5.5 V
0
0.4
V
VIH
1.4
3
TON
LED current rise time ILED = 0
to ILED = max
2ms
Table 6. Electrical characteristics
(TJ = 25°C, VI = 3.6 V, 2xCI = 10 µF, CO = 1 µF, L = 4.7 µH, RFL = 0.27 Ω RTR = 1.8 Ω, RX = 15 KΩ,
Typ. values @25°C, unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com