Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03PNR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STCF03PNR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03PNR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STCF03PNR Datasheet HTML 26Page - STMicroelectronics STCF03PNR Datasheet HTML 27Page - STMicroelectronics STCF03PNR Datasheet HTML 28Page - STMicroelectronics STCF03PNR Datasheet HTML 29Page - STMicroelectronics STCF03PNR Datasheet HTML 30Page - STMicroelectronics STCF03PNR Datasheet HTML 31Page - STMicroelectronics STCF03PNR Datasheet HTML 32Page - STMicroelectronics STCF03PNR Datasheet HTML 33Page - STMicroelectronics STCF03PNR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Package mechanical data
STCF03
30/35
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.65
1.00
25.6
39.4
A3
0.20
7.9
b
0.18
0.25
0.307.1
9.8
11.8
D
3.85
4.00
4.15
151.6
157.5
163.4
D1
3.75
147.6
D2 (A)
1.55
1.70
1.85
61.0
66.9
72.8
D2 (B)
1.95
2.10
2.25
76.882.7
88.6
D2 (C)
2.15
2.30
2.45
84.6
90.6
96.5
E
3.85
4.00
4.15
151.6
157.5
163.4
E1
3.75
147.6
E2 (A)
1.55
1.70
1.85
61.0
66.9
72.8
E2 (B)
1.95
2.10
2.25
76.882.7
88.6
E2 (C)
2.15
2.30
2.45
84.6
90.6
96.5
e
0.50
19.7
L0.35
0.55
0.75
13.8
21.7
29.5
P
0.60
23.6
K
14
551.2
ddd
0.083.1
QFN20 (4mm x 4mm) mechanical data
7366925A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com