Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702BA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3702BA
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702BA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3702BA Datasheet HTML 1Page - AXElite technology co. ltd AX3702BA Datasheet HTML 2Page - AXElite technology co. ltd AX3702BA Datasheet HTML 3Page - AXElite technology co. ltd AX3702BA Datasheet HTML 4Page - AXElite technology co. ltd AX3702BA Datasheet HTML 5Page - AXElite technology co. ltd AX3702BA Datasheet HTML 6Page - AXElite technology co. ltd AX3702BA Datasheet HTML 7Page - AXElite technology co. ltd AX3702BA Datasheet HTML 8Page - AXElite technology co. ltd AX3702BA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
PIN ASSIGNMENT
The package of AX3703A ; the pin assignment is given by:
1
4
5
3
2
FB
VIN
EN
GND
SW
1
4
6
3
2
FB
VIN
EN
GND
SW
5
PG
1
3
2
VIN
EN
FB
6
7
8
SW
PG
GND
4
5
AGND
NC
EXPOSED PAD ON BACKSIDE
EP
Top View
Pin Description
SOT235
Pin No.
OT236
Pin No.
DFN2x2_8L
Pin No.
Symbol
Description
1
1
7
EN
Regulator Enable Control Input with accurate 1.21V enable threshold which
can be used to build precision R-C turn-on delay and input under-voltage
lockout.
Don’t float this pin. This pin has a pull-down resistor of typically 1MΩ to
GND.
 Drive EN above 1.21V to turn on the converter
 Drive EN below 1.11V to turn off the converter and discharge output
2
2
4, EP
GND
Ground
3
3
6
SW
Power Switch Node
4
4
3
VIN
Input Supply Voltage
-
5
2
PG
Power Good Open-
drain Output. Connect a 100kΩ pull-up resistor to V
IN or
VOUT.
5
6
1
FB
Voltage Feedback Input. Connect a resistor divider between output and FB
to program the output voltage. VFB is regulated to 0.6V.
-
8
AGND
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com