Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702BA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX3702BA
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702BA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX3702BA Datasheet HTML 5Page - AXElite technology co. ltd AX3702BA Datasheet HTML 6Page - AXElite technology co. ltd AX3702BA Datasheet HTML 7Page - AXElite technology co. ltd AX3702BA Datasheet HTML 8Page - AXElite technology co. ltd AX3702BA Datasheet HTML 9Page - AXElite technology co. ltd AX3702BA Datasheet HTML 10Page - AXElite technology co. ltd AX3702BA Datasheet HTML 11Page - AXElite technology co. ltd AX3702BA Datasheet HTML 12Page - AXElite technology co. ltd AX3702BA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
CIN=10uF, COUT=10uF, L=1uH, TA=+25℃
Vin Power Off
SW
2V/div
IL
2A/div
VIN
5V/div
10ms/div
VOUT
2V/div
VIN=5V
VOUT=3.3V
IOUT=2.5A
EN Off
EN
5V/div
VOUT
2V/div
SW
2V/div
IL
500mA/div
20ms/div
VIN=5V
VOUT=3.3V
IOUT=0A
EN Off
EN
5V/div
VOUT
2V/div
SW
2V/div
IL
2A/div
1ms/div
VIN=5V
VOUT=3.3V
IOUT=2.5A
Short Circuit Entry
VIN
5V/div
VOUT
2V/div
SW
2V/div
IL
5A/div
2ms/div
VIN=5V
VOUT=3.3V
IOUT=0A
Short Circuit Recovery
VIN
5V/div
VOUT
2V/div
SW
2V/div
IL
5A/div
2ms/div
VIN=5V
VOUT=3.3V
IOUT=0A
Efficiency of AX3703ACA
SOT23
Efficiency of AX3703ACA
SOT23
Efficiency of AX3703AZ8A
DFN2x2_8L
Efficiency of AX3703AZ8A
DFN2x2_8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com