Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702BA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3702BA
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702BA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3702BA Datasheet HTML 1Page - AXElite technology co. ltd AX3702BA Datasheet HTML 2Page - AXElite technology co. ltd AX3702BA Datasheet HTML 3Page - AXElite technology co. ltd AX3702BA Datasheet HTML 4Page - AXElite technology co. ltd AX3702BA Datasheet HTML 5Page - AXElite technology co. ltd AX3702BA Datasheet HTML 6Page - AXElite technology co. ltd AX3702BA Datasheet HTML 7Page - AXElite technology co. ltd AX3702BA Datasheet HTML 8Page - AXElite technology co. ltd AX3702BA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
ORDER/MARKING INFORMATION
Order Information
Top Marking (SOT-23-5L)
Package Type
AX3703A
Packing
A : Taping
X X X
B: SOT-23-5L
Blank : Bag
C: SOT-23-6L
Z8: TDFN-8L (2X2)
H
WW: 01~26(A~Z)
27~52(a~z)
ID code: internal
AX3703A
D Y W X
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
Top Marking (SOT-23-6L)
Top Marking (TDFN-8L)
H
AX3703A
WW:01~26 (A~Z)
27~52 (a~z)
ID code:internal
E Y WX
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
Week: 01~26(A~Z)
27~52(a~z)
ID Code: Internal
Y W X
G E
AX3703A
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
ABSOLUTE MAXIMUM RATINGS
VIN ….…..
…….. -0.3V to +6.5V
VSW …………..….....
… -0.3V to VIN +0.3V
Dynamic VSW in 10ns Duration -2V to VIN +2V
The other Pins ………… ….... -0.3V to +6.5V
Junction Temperature Range
… -40°C to +150°C
Storage Temperature Range . . -65°C to +150°C
Lead Temperature( Soldering 10s) … …. … 260°C
ESD …………………………………...
….. Class 2
Recommend Operating Conditions (Note2)
Input Voltage (VBAT) ………… ..… +2.5V to 5.5V
Output Voltage (VOUT) ……… … … +0.6V to VIN
Operating Temperature Range ..….. . -40°C to +85°C
Thermal information (Note3, 4)
Maximum Power Dissipation(TA=25°C )
SOT235(6) ............................................. 0.48W
Thermal Resistance(θJA) SOT235(6) ….. …. 210°C/W
Thermal Resistance(θJC) SOT235(6) ….... …. 32°C/W
DFN2x2_8L .............................................. 2.1W
Thermal Resistance(θJA) DFN2x2_8L ….. …. 46°C/W
Thermal Resistance(θJC) DFN2x2_8L ……. .. 10°C/W
Note (1): Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside of the recommended operating conditions.
Note (3): Measured on JESD51-7, 4-Layer PCB.
Note (4): The maximum allowable power dissipation is a function of the maximum junction temperature
TJ_MAX, the junction to ambient thermal resistance θJA, and the ambient temperature TA. The maximum
allowable continuous power dissipation at any ambient temperature is calculated by PD_MAX= (TJ_MAX-TA)/θJA.
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from
permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com