Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702BA Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX3702BA
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702BA Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX3702BA Datasheet HTML 9Page - AXElite technology co. ltd AX3702BA Datasheet HTML 10Page - AXElite technology co. ltd AX3702BA Datasheet HTML 11Page - AXElite technology co. ltd AX3702BA Datasheet HTML 12Page - AXElite technology co. ltd AX3702BA Datasheet HTML 13Page - AXElite technology co. ltd AX3702BA Datasheet HTML 14Page - AXElite technology co. ltd AX3702BA Datasheet HTML 15Page - AXElite technology co. ltd AX3702BA Datasheet HTML 16Page - AXElite technology co. ltd AX3702BA Datasheet HTML 17Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
2
C1, CEN
0.1µF
Ceramic Capacitor, 10V, X5R
0603
1
CFF
10pF
Ceramic Capacitor, 10V, X5R
0603
1
L
1uH
(0.47uH~1.5µH)
Inductor, GSTM4020P-1R0M, 22mΩ ,
8.5A
SMD
1
R1
Vout=3.3V
200K
Resistor, ±1%
0603
Vout=2.5V
240K
Vout=1.8V
200K
Vout=1.2V
200K
Vout=1.0V
100K
1
R2
Vout=3.3V
43K
Resistor, ±1%
0603
Vout=2.5V
75K
Vout=1.8V
100K
Vout=1.2V
200K
Vout=1.0V
150K
2
RPG, REN
100K
Resistor, ±1%
0603
1
Power IC
AX3703A
Step-Down DC/DC Converter
SOT23_5(6)L
DFN2x2_8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com