Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3702BA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3702BA
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702BA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3702BA Datasheet HTML 1Page - AXElite technology co. ltd AX3702BA Datasheet HTML 2Page - AXElite technology co. ltd AX3702BA Datasheet HTML 3Page - AXElite technology co. ltd AX3702BA Datasheet HTML 4Page - AXElite technology co. ltd AX3702BA Datasheet HTML 5Page - AXElite technology co. ltd AX3702BA Datasheet HTML 6Page - AXElite technology co. ltd AX3702BA Datasheet HTML 7Page - AXElite technology co. ltd AX3702BA Datasheet HTML 8Page - AXElite technology co. ltd AX3702BA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
5V Input 2.5A/3A 1.5MHz Synchronous Step-Down
DC/DC Converter
GENERAL DESCRIPTION
AX3703A can operate with input voltage from 2.5V to 5.5V and provide output range from
0.6V to input level, thanks to its 100% duty cycle operation. AX3703A is a 1.5MHz, 2.5A/3A
constant on-time (COT) controlled synchronous step-down converter.
AX3703A consumes extremely low 15µA quiescent current hence achieves superior light
load efficiency. The constant on-time control scheme simplifies loop compensation and offers
excellent load transient response.
AX3703A has cycle-by-cycle current limit and hiccup mode to protect over-load or short
circuit fault conditions. The high gain error amplifier in the control loop provides excellent load and
line regulation. Proprietary adaptive on-time helps AX3703A to achieve nearly constant switching
frequency across load range.
AX3703A is available in low profile SOT23-5L, SOT23-6L and 8 leads DFN 2mm x 2mm
packages.
FEATURES
- AX3703AZ8A: Built-in 90mΩ/60mΩ Power Switches
- AX3703AZ8A: 3A Continuous Output Current
- AX3703ACA: 2.5A Continuous Output Current , 3A Peak Output Current
- AX3703ACA: Built-in 94mΩ/76mΩ Power Switches
- Wide Input Range from 2.5V to 6V
- Proprietary Fast Transient Constant On Time Architecture Stable with low ESR Ceramic
Output Capacitors
- 1.5MHz Switching Frequency
- 15µA Low Quiescent Current
- +/- 2% 0.6V Feedback Voltage
- 1.21V Accurate Enable Threshold
- Up to 95% Efficiency
- 100% Duty Cycle Operation
- Thermal Shutdown Protection
- Internal 1msec Soft-Start


Similar Part No. - AX3702BA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3702 AXELITE-AX3702 Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702AB AXELITE-AX3702AB Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702ABA AXELITE-AX3702ABA Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702AC AXELITE-AX3702AC Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
AX3702ACA AXELITE-AX3702ACA Datasheet
1Mb / 22P
1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
Rev1.4 Sep.30, 2021
More results

Similar Description - AX3702BA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28128 MPS-MP28128 Datasheet
444Kb / 11P
2.5A, 1.5MHz Synchronous Step-Down Converter
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
E-CMOS Corporation
EC3207 E-CMOS-EC3207 Datasheet
376Kb / 4P
1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com